Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC25BS5 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC25BS5
Description  PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS5 Datasheet(HTML) 1 Page - Torex Semiconductor

  XC25BS5_12 Datasheet HTML 1Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 2Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 3Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 4Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 5Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 6Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 7Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 8Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
XC25BS5 Series
PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
(For Low Frequency Range)
●CE, Q0/Q1 Pin Function
C E
FUNCTION
"H"
Q0, Q1 Clock Output
"L"
Stand-by. Output Pin = High Impedance
Open
Stand-by. Output Pin = High Impedance
(VSS Pin Pull-Down Due to IC's Internal Resistor)
■GENERAL DESCRIPTION
The XC25BS5 series are high frequency, low power consumption PLL clock generator ICs with divider circuit & multiplier
PLL circuit.
Laser trimming gives the option of being able to select from divider ratios (M) of 1,3
to 2047 and multiplier ratios (N) of 6 to
2047.
Output frequency (Q0) is equal to reference oscillation (fCLKin) multiplied by N/M, within a range of 3MHz to 30MHz.
Q1
output is selectable from input reference frequency (f0), input reference frequency/2 (f0/2), ground (GND), and comparative
frequency (f0/M). Further, comparative frequencies, within a range of 12KHz to 500KHz, can be obtained by dividing the
reference oscillation.
By halting operation via the CE pin, consumption current can be controlled and output will be one of
high-impedance.
■PIN CONFIGURATION
■PIN ASSIGNMENT
■APPLICATIONS
●Crystal oscillation modules
●Personal computers
●PDAs
●Portable audio systems
●Various system clocks
■FEATURES
Output Frequency : 3MHz ~ 30MHz (Q0=fCLKin
×N/M)
Input Frequency (fCLKin)
: 12kHz ~ 35MHz
Divider Ratio (M)
: Selectable from divisions of 1, 3~2047
Multiplier Ratio (N) : Selectable from multiplications of 6~2047
Output
: 3-State
Q1 output selectable from input reference
oscillation, input reference oscillation/2,
GND, comparative frequency.
Operating Voltage Range
: 2.97V ~ 5.5V
Low Power Consumption
: CMOS (stand-by function included)*1
Comparative Frequency
: 12kHz~500kHz
Package
: SOT-26, USP-6B
*1 High output impedance during standby
Environmentally Friendly: EU RoHS Compliant, Pb Free
*The dissipation pad for the USP-6B package
should be solder-plated in recommended mount
pattern and metal masking so as to enhance
mounting strength and heat release.
If the pad needs to be connected to other pins,
it should be connected to the VDD pin.
PIN NUMBER
SOT-26
USP-6B
PIN
NAME
FUNCTION
1
3
CE
Chip Enable
2
2
VSS
GND
3
1
Q0
PLL Output
4
6
Q1
Reference Oscillation,
Reference Oscillation/2,
GND, or Comparative
Frequency Output
5
5
VDD
Power Supply
6
4
CLKin
Reference Clock Input
■FUNCTION LIST
"H" = High level
"L" = Low level
SOT-26
(TOP VIEW)
1 Q0
2 VSS
3 CE
CLKin 4
VDD 5
Q1 6
USP-6B
(BOTTOM VIEW)
ETR1502_003a


Similar Part No. - XC25BS5_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5_1 Datasheet
494Kb / 9P
CMOS Low Power Consumption
More results

Similar Description - XC25BS5_12

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDC706 TI-CDC706 Datasheet
1Mb / 41P
PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
logo
Torex Semiconductor
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8 TOREX-XC25BS8_1 Datasheet
597Kb / 14P
Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com