Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

XC25BS5 Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC25BS5
Description  PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS5 Datasheet(HTML) 4 Page - Torex Semiconductor

  XC25BS5_12 Datasheet HTML 1Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 2Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 3Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 4Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 5Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 6Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 7Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 8Page - Torex Semiconductor XC25BS5_12 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4/12
XC25BS5 Series
■ FREQUENCY CONFIGURATION: EXAMPLE 2
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNITS
Input Frequency
f CLKin
52.0000
-
78.0000
kHz
Multiplier/Divider Ratio
N/M
-
256.000
-
-
PLL Output Frequency
fQ0
13.312
-
19.968
MHz
Q1 Output Frequency
Q1
GND
-
●Electrical Characteristics (DC)
XC25BS51xxMR
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Voltage
VDD
2.97
3.30
3.63
V
Input Voltage "High"
VIH
2.7
-
-
V
Input Voltage "Low"
VIL
-
-
0.6
V
Input Current "High"
IIH
VCK=3.3V
-
-
3.0
μA
Input Current "Low"
IIL
VCK=0V
-3.0
-
-
μA
Output Voltage "High"
VOH
VDD=2.97V, IOH= - 8mA
2.5
-
-
V
Output Voltage "Low"
VOL
VDD=2.97V, IOL=8mA
-
-
0.4
V
Supply Current 1
IDD1
CE=0.3V
-
2.0
4.0
mA
Supply Current 2
IDD2
CE=0V
-
-
5.0
μA
CE " High " Voltage
VCEH
2.7
-
-
V
CE "Low" Voltage
VCEL
-
-
0.45
V
CE Pull-Down Resistance 1
Rp1
CE=3.3V
0.5
1.5
2.5
M
Ω
CE Pull-Down Resistance 2
Rp2
CE=0.3V
20.0
50.0
80.0
K
Ω
fCLKin=78kHz, Multiplier/Divider Ratio=256, Ta=25
℃, No Load
● Electrical Characteristics (AC)
XC25BS51xxMR
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Output Rise Time
TTLH
VDD=3.3V(20% to 80%) (*1)
-
5.0
-
ns
Output Fall Time
TTHL
VDD=3.3V(20% to 80%) (*1)
-
5.0
-
ns
Duty Ratio
DUTY
40
50
60
%
Output Start Time
Ton
(*1)
-
-
20
ms
PLL Output Jitter
Tj
1
σ (*1)
-
20
-
ps
*1 R&D guarantee
fCLKin=78kHz, Multiplier/Divider Ratio=256, Ta=25
℃, CL=15pF
XC25BS51XXMX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com