Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAT04FY Datasheet(PDF) 4 Page - Analog Devices

Part # MAT04FY
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT04FY Datasheet(HTML) 4 Page - Analog Devices

  MAT04FY Datasheet HTML 1Page - Analog Devices MAT04FY Datasheet HTML 2Page - Analog Devices MAT04FY Datasheet HTML 3Page - Analog Devices MAT04FY Datasheet HTML 4Page - Analog Devices MAT04FY Datasheet HTML 5Page - Analog Devices MAT04FY Datasheet HTML 6Page - Analog Devices MAT04FY Datasheet HTML 7Page - Analog Devices MAT04FY Datasheet HTML 8Page - Analog Devices MAT04FY Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. D
MAT04
–4–
ABSOLUTE MAXIMUM RATINGS
1
Collector-Base Voltage (BVCBO) . . . . . . . . . . . . . . . . . . . 40 V
Collector-Emitter Voltage (BVCEO) . . . . . . . . . . . . . . . . . 40 V
Collector-Collector Voltage (BVCC) . . . . . . . . . . . . . . . . . 40 V
Emitter-Emitter Voltage (BVEE) . . . . . . . . . . . . . . . . . . . 40 V
Collector Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Emitter Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30 mA
Substrate (Pin-4 to Pin-11) Current . . . . . . . . . . . . . . . 30 mA
Operating Temperature Range
MAT04EY . . . . . . . . . . . . . . . . . . . . . . . . . –25
°C to +85°C
MAT04FY, FP, FS . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Storage Temperature
Y Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
P Package . . . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +125°C
Lead Temperature (Soldering, 60 sec) . . . . . . . . . . . . +300
°C
Package Type
JA
2
JC
Units
14-Lead Cerdip
108
16
°C/W
14-Lead Plastic DIP
83
39
°C/W
14-Lead SO
120
36
°C/W
NOTES
1Absolute maximum ratings apply to both DICE and packaged parts, unless
otherwise noted.
2
JA is specified for worst case mounting conditions, i.e.,
JA is specified for
device in socket for cerdip and P-DIP packages;
JA is specified for device
soldered to printed circuit board for SO package.
ORDERING GUIDE
TA = 25 C
Temperature
Package
Package
Model
VOS max
Range
Description
Option
MAT04EY*
200
µV
–25
°C to +85°C
Cerdip
Q-14
MAT04FY*
400
µV
–40
°C to +85°C
Cerdip
Q-14
MAT04FP
400
µV
–40
°C to +85°C
P-DIP-14
N-14
MAT04FS
400
µV
–40
°C to +85°C
14-Lead SO
SO-14
NOTES
*Not for new designs; obsolete April 2002.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the MAT04 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
DICE CHARACTERISTICS
Die Size 0.060
× 0.060 Inch, 3600 Sq. mm
(1.52
× 1.52 mm, 2.31 sq. mm)
1.
Q1 COLLECTOR
2.
Q1 BASE
3.
Q1 EMITTER
4.
SUBSTRATE
5.
Q2 EMITTER
6.
Q2 BASE
7.
Q2 COLLECTOR
8.
Q3 COLLECTOR
9.
Q3 BASE
10. Q3 EMITTER
11. SUBSTRATE
12. Q4 EMITTER
13. Q4 BASE
14. Q4 COLLECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com