Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MAT04FY Datasheet(PDF) 10 Page - Analog Devices

Part # MAT04FY
Description  Matched Monolithic Quad Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT04FY Datasheet(HTML) 10 Page - Analog Devices

Back Button MAT04FY Datasheet HTML 4Page - Analog Devices MAT04FY Datasheet HTML 5Page - Analog Devices MAT04FY Datasheet HTML 6Page - Analog Devices MAT04FY Datasheet HTML 7Page - Analog Devices MAT04FY Datasheet HTML 8Page - Analog Devices MAT04FY Datasheet HTML 9Page - Analog Devices MAT04FY Datasheet HTML 10Page - Analog Devices MAT04FY Datasheet HTML 11Page - Analog Devices MAT04FY Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. D
MAT04
–10–
VOLTAGE-CONTROLLED ATTENUATOR
The voltage-controlled attenuator (VCA) of Figure 9, widely
used in professional audio circles, can easily be implemented
using a MAT04. The excellent matching characteristics of the
MAT04 enables the VCA to have a distortion level of under
0.03% over a wide range of control voltages. The VCA accepts a
3 V RMS input and easily handles the full 20 Hz–20 kHz audio
bandwidth as shown in Figure 10. Noise level for the VCA is
more than 110 dB below maximum output.
In the voltage controlled attenuator, the input signal modulates
the stage current of each differential pair. Op amps A2 and A3
in conjunction with transistors Q5 and Q6 form voltage-to-current
converters that transform a single input voltage into differential
currents which form the stage currents of each differential pair.
The control voltage shifts the current between each side of the
two differential pairs, regulating the signal level reaching the
output stage which consists of op amp A1. Figure 11 shows the
increase in signal attenuation as the control voltage becomes
more negative.
The ideal transfer function for the voltage-controlled
attenuator is:
V
V
R
RR
kT
q
OUT
IN
CONTROL
/
exp (
)
=
+
+






2
1
14
13
14
Where
k = Boltzman constant 1.38
× 10–23J/°K
T = temperature in
°K
q = electronic charge = 1.602
× 10–19C
From the transfer function it can be seen that the maxi-
mum gain of the circuit is 2 (6 dB).
To ensure best performance, resistors R2 through R7 should
be 1% metal film resistors. Since capacitor C2 can see small
amounts of reverse bias when the control voltage is positive, it
may be prudent to use a nonpolarized tantalum capacitor.
Figure 9. Voltage-Controlled Attenuator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com