Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3981 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 4 Page - Texas Instruments

  LP3981 Datasheet HTML 1Page - Texas Instruments LP3981 Datasheet HTML 2Page - Texas Instruments LP3981 Datasheet HTML 3Page - Texas Instruments LP3981 Datasheet HTML 4Page - Texas Instruments LP3981 Datasheet HTML 5Page - Texas Instruments LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
equations:
where TJ(MAX) is the maximum junction temperature, TA is the ambient temperature, and θ JA is the
LP3981
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
www.ti.com
Absolute Maximum Ratings
(1) (2) (3)
VIN, VEN
−0.3 to 6.5V
VOUT, VOUT-SENSE
−0.3 to VIN + 0.3, Max 6.5V
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Lead Temp.
Pad Temp.
Power Dissipation (4)
θJA (VSSOP-8)
210°C/W
θJA (WSON-6)
50°C/W
Maximum Power Dissipation at 25°C
VSSOP-8
595mW
WSON-6
2.5W
ESD Rating(5)
Human Body Model
2kV
Machine Model
200V
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications.
(4)
The figures given for Absolute Maximum Power dissipation for the device are calculated using the following
junction-to-ambient thermal resistance. E.g. for the WSON package
θ JA=50°C/W, TJ(MAX)=150°C and using TA=25°C the maximum
power dissipation is found to be 2.5W. The derating factor (
−1/θJA) = −20mW/°C, thus below 25°C the power dissipation figure can be
increased by 20 mW per degree, and similarity decreased by this factor for temperatures above 25°C
(5)
The human body model is 100pF discharged through 1.5k
Ω resistor into each pin. The machine model is a 200 pF capacitor discharged
directly into each pin.
Operating Ratings
(1) (2)
VIN
2.7 to 6V
VEN
0 to VIN
Junction Temperature
−40°C to +125°C
Maximum Power Dissipation (3)
VSSOP-8
476mW
WSON-6
2.0W
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to the potential at the GND pin.
(3)
As for the Maximum Power dissipation, the maximum power in operation is dependant on the ambient temperature. This can be
calculated in the same way using TJ=125°C, giving 2W as the maximum power dissipation for the WSON package in operation. The
same derating factor applies.
4
Submit Documentation Feedback
Copyright © 2001–2013, Texas Instruments Incorporated
Product Folder Links: LP3981



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com