Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LP3981 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LP3981
Description  LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP3981 Datasheet(HTML) 1 Page - Texas Instruments

  LP3981 Datasheet HTML 1Page - Texas Instruments LP3981 Datasheet HTML 2Page - Texas Instruments LP3981 Datasheet HTML 3Page - Texas Instruments LP3981 Datasheet HTML 4Page - Texas Instruments LP3981 Datasheet HTML 5Page - Texas Instruments LP3981 Datasheet HTML 6Page - Texas Instruments LP3981 Datasheet HTML 7Page - Texas Instruments LP3981 Datasheet HTML 8Page - Texas Instruments LP3981 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LP3981
www.ti.com
SNVS159G – OCTOBER 2001 – REVISED MAY 2013
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
Check for Samples: LP3981
1
FEATURES
APPLICATIONS
2
•
Small, Space Saving VSSOP-8
•
CDMA Cellular Handsets
•
Low Thermal Resistance in WSON-6 Package
•
Wideband CDMA Cellular Handsets
Gives Excellent Power Capability
•
GSM Cellular Handsets
•
Logic Controlled Enable
•
Portable Information Appliances
•
Stable with Ceramic and High Quality
•
Tiny 3.3V ± 5% to 2.5V, 300mA Converter
Tantalum Capacitors
•
Fast Turn-On
DESCRIPTION
The LP3981's performance is optimized for battery
•
Thermal Shutdown and Short-Circuit Current
powered systems to deliver ultra low noise, extremely
Limit
low dropout voltage and low quiescent current.
Regulator ground current increases only slightly in
KEY SPECIFICATIONS
dropout, further prolonging the battery life.
•
2.5 to 6.0V Input Range
Power supply rejection is better than 60 dB at low
•
300mA Output
frequencies. This high power supply rejection is
•
60dB PSRR at 1kHz
maintained down to lower input voltage levels
common to battery operated circuits.
•
≤1μA Quiescent Current when Shut Down
•
Fast Turn-On Time: 120
μs (Typ.) with CBYPASS
The device is ideal for mobile phone and similar
battery powered wireless applications. It provides up
= 0.01uF
to 300 mA, from a 2.5V to 6V input, consuming less
•
132mV Typ Dropout with 300mA Load
than 1µA in disable mode.
•
35
μVrms Output Noise over 10Hz to 100kHz
The LP3981 is available in VSSOP-8 package. For
•
−40 to +125°C Junction Temperature Range for
LP3981 in WSON-6 package, contact TI sales offices.
Operation
Performance is specified for
−40°C to +125°C
•
2.5V, 2.7V, 2.8V, 2.83V, 3.0V, 3.03V, and 3.3V
temperature range. The device available in the
Outputs Standard
following output voltages; 2.5V, 2.7V, 2.8V, 2.83V,
3.0V, 3.03V and 3.3V as standard. Other output
options can be made available, please contact your
local TI sales office.
Typical Application Circuit
Note: Pin Numbers in parenthesis indicate WSON-6 package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LP3981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
Micropower, 300mA Ultra Low-Dropout CMOS Voltage
logo
Lowpower Semiconductor ...
LP3981 POWER-LP3981 Datasheet
348Kb / 8P
300mA,Ultra-low noise, Small Package Ultra-Fast CMOS LDO Regulator
logo
Texas Instruments
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI1-LP3981 Datasheet
1Mb / 25P
Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
More results

Similar Description - LP3981

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3981 NSC-LP3981 Datasheet
339Kb / 11P
Micropower, 300mA Ultra Low-Dropout CMOS Voltage
LP3982 NSC-LP3982 Datasheet
361Kb / 12P
Micropower, Ultra Low-Dropout, Low-Noise, 300mA CMOS Regulator
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
300mA CMOS Low Dropout Voltage Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
300mA Low-Noise Ultra Low-Dropout CMOS Regulator
logo
Texas Instruments
LP3981IMM-3.3 TI-LP3981IMM-3.3 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981IMM-2.5 TI-LP3981IMM-2.5 Datasheet
1Mb / 21P
LP3981 Micropower, 300mA Ultra Low-Dropout CMOS Voltage Regulator
LP3981 TI-LP3981_15 Datasheet
1Mb / 25P
LP3981 Micropower, 300-mA Ultra-Low-Dropout CMOS Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
300mA low dropout CMOS voltage regulator
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
300mA low dropout CMOS voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com