Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DA01S Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DA01S
Description  1W DC/DC CONVERTER, DIP-Package, High Isolation
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DA01S Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DA01S Datasheet HTML 1Page - Delta Electronics, Inc. DA01S Datasheet HTML 2Page - Delta Electronics, Inc. DA01S Datasheet HTML 3Page - Delta Electronics, Inc. DA01S Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DA01S Series
1W DC/DC CONVERTER, DIP-Package, High Isolation
DS_DA01S_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
P1
FEATURES
Efficiency up to 79%
DIP Package with Industry Standard Pinout
High Isolation Voltage 3000VDC
Temperature Performance -40
℃ to +75℃
> 2MHours MTBF
Internal SMD platform
Lead free, RoHs Compliant
12 Standard Models
3 Years Product Warranty
The DA01S series are miniature, DIP Package, isolated 1W DC/DC converters with 3,000VDC isolation. It allows a wide
operating temperature range of –40°C to +75°C. These isolated DC/DC converters are the latest offering from a world leader in
power systems technology and manufacturing ― Delta Electronics, Inc. With creative design technology and optimization of
component placement, these converters possess outstanding electrical and thermal performance, as well as extremely high reliability
under highly stressful operating conditions.
Model List
Output Current
Input Current
Efficiency
(typ.)
Input
Voltage
(Range)
Output
Voltage
Max.
Min.
@Max. Load
@No Load
Load
Regulation
Max. apacitive
Load
@Max.
Load
Model
Number
VDC
VDC
mA
mA
mA(typ.)
mA(typ.)
% (max.)
uF
%
DA01S0505A
5
200
4
290
11
69
DA01S0509A
9
110
2
260
8
76
DA01S0512A
12
84
1.5
262
7
77
DA01S0515A
5
(4.5 ~ 5.5)
15
67
1
257
30
6
33
78
DA01S1205A
5
200
4
117
9
71
DA01S1209A
9
110
2
107
5
77
DA01S1212A
12
84
1.5
106
5
79
DA01S1215A
12
(10.8 ~ 13.2)
15
67
1
106
13
4
33
79
DA01S2405A
5
200
4
60
8
70
DA01S2409A
9
110
2
54
5
76
DA01S2412A
12
84
1.5
53
4
79
DA01S2415A
24
(21.6 ~ 26.4)
15
67
1
53
10
4
33
79
Input Characteristics
Parameter
Model
Min.
Typ.
Max.
Unit
5V Input Models
4.5
5
5.5
12V Input Models
10.8
12
13.2
Input Voltage Range
24V Input Models
21.6
24
26.4
5V Input Models
-0.7
---
7
12V Input Models
-0.7
---
15
Input Surge Voltage (1 sec. max.)
24V Input Models
-0.7
---
28
VDC
Reverse Polarity Input Current
---
---
0.3
A
Input Filter
Internal Capacitor
Internal Power Dissipation
All Models
---
---
450
mW


Similar Part No. - DA01S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA01S0303A DELTA-DA01S0303A Datasheet
204Kb / 4P
2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA01S0303A DELTA-DA01S0303A Datasheet
199Kb / 4P
2W DC/DC CONVERTER, DIP-Package, High Isolation
DA01S0303A DELTA-DA01S0303A Datasheet
209Kb / 4P
3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA01S0303A DELTA-DA01S0303A Datasheet
211Kb / 4P
3W DC/DC CONVERTER, DIP-Package
DA01S0303A DELTA-DA01S0303A Datasheet
219Kb / 4P
4W DC/DC CONVERTER, DIP-Package, 4:1 Wide Input Range
More results

Similar Description - DA01S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
SB01S DELTA-SB01S Datasheet
234Kb / 4P
1W DC/DC CONVERTER, SMD-Package, High Isolation
PD01S DELTA-PD01S Datasheet
207Kb / 4P
1W DC/DC CONVERTER, SIP-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
1W DC/DC CONVERTER, SIP-Package, High Isolation
PI01S DELTA-PI01S Datasheet
294Kb / 5P
1W DC/DC CONVERTER, High isolation, SIP-Package
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
1W DC/DC CONVERTER, DIP-Package, High Isolation
DU06S1205A DELTA-DU06S1205A Datasheet
216Kb / 5P
6W DC/DC CONVERTER, DIP-Package, High Isolation
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
1W DC/DC CONVERTER, High isolation, SIP-Package
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
DC/DC CONVERTER 1W, SIP-Package, High Isolation
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
DC/DC CONVERTER 1W, High Isolation,SMD-Package
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com