Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1735CS Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1735CS
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1735CS Datasheet HTML 5Page - Linear Technology LTC1735CS Datasheet HTML 6Page - Linear Technology LTC1735CS Datasheet HTML 7Page - Linear Technology LTC1735CS Datasheet HTML 8Page - Linear Technology LTC1735CS Datasheet HTML 9Page - Linear Technology LTC1735CS Datasheet HTML 10Page - Linear Technology LTC1735CS Datasheet HTML 11Page - Linear Technology LTC1735CS Datasheet HTML 12Page - Linear Technology LTC1735CS Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
LTC1735
1735fc
FU CTIO AL DIAGRA
SW
+
+
0.86V
+
0.55V
2.4V
0.8V
0.86V
I1
+
I2
+
EA
A
BURST
DISABLE
FC
OV
gm =1.3m
B
+
4.7V
IREV
+
+
F
FC
S
R
Q
DROP
OUT
DET
0.8V
REF
SWITCH
LOGIC
SD
6V
R1
RUN/SS
CSS
RC
VOSENSE
VFB
1.2
µA
RUN
SOFT-
START
+
OVER-
CURRENT
LATCHOFF
SD
ITH
CC
0.17
µA
OSC
4(VFB)
BUFFERED
ITH
SLOPE COMP
+
+
3mV
ICMP
R2
2k
45k
BOT
TOP ON
FORCE BOT
45k
30k
30k
SENSE+
SENSE
SYNC
1.2V
0.8V
C
TOP
UVL
BOT
INTVCC
5.2V
LDO
REG
VIN
+
CINTVCC
VOUT
VSEC
INTVCC
BG
PGND
VIN
VIN
BOOST
TG
INTVCC
CB
DB
D1
COSC
+
CIN
+
CSEC
+
COUT
EXTVCC
FCB
SGND
COSC
RSENSE
1735 FD
PGOOD
LTC1735F
ONLY
+
0.74V
OPERATIO
(Refer to Functional Diagram)
Main Control Loop
The LTC1735 uses a constant frequency, current mode
step-down architecture. During normal operation, the top
MOSFET is turned on each cycle when the oscillator sets
the RS latch and turned off when the main current
comparator I1 resets the RS latch. The peak inductor
current at which I1 resets the RS latch is controlled by the
voltage on Pin 3 (ITH), which is the output of error
amplifier EA. Pin 6 (VOSENSE), described in the pin func-
tions, allows EA to receive an output feedback voltage VFB
from an external resistive divider. When the load current
increases, it causes a slight decrease in VFB relative to the
0.8V reference, which in turn causes the ITH voltage to
increase until the average inductor current matches the
new load current. While the top MOSFET is off, the bottom
MOSFET is turned on until either the inductor current
starts to reverse, as indicated by current comparator I2, or
the beginning of the next cycle.
The top MOSFET driver is powered from a floating boot-
strap capacitor CB. This capacitor is normally recharged
from INTVCC through an external diode when the top
MOSFET is turned off. As VIN decreases towards VOUT, the
converter will attempt to turn on the top MOSFET continu-
ously (“dropout’’). A dropout counter detects this condi-
tion and forces the top MOSFET to turn off for about 500ns
every tenth cycle to recharge the bootstrap capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com