Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LTC1735CS Datasheet(PDF) 17 Page - Linear Technology

Part # LTC1735CS
Description  High Efficiency Synchronous Step-Down Switching Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1735CS Datasheet(HTML) 17 Page - Linear Technology

Back Button LTC1735CS Datasheet HTML 13Page - Linear Technology LTC1735CS Datasheet HTML 14Page - Linear Technology LTC1735CS Datasheet HTML 15Page - Linear Technology LTC1735CS Datasheet HTML 16Page - Linear Technology LTC1735CS Datasheet HTML 17Page - Linear Technology LTC1735CS Datasheet HTML 18Page - Linear Technology LTC1735CS Datasheet HTML 19Page - Linear Technology LTC1735CS Datasheet HTML 20Page - Linear Technology LTC1735CS Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
17
LTC1735
1735fc
Topside MOSFET Driver Supply (CB, DB)
An external bootstrap capacitor CB connected to the
BOOST pin supplies the gate drive voltage for the topside
MOSFET. Capacitor CBintheFunctionalDiagramischarged
though external diode DB from INTVCC when the SW pin
is low. Note that the voltage across CB is about a diode
drop below INTVCC. When the topside MOSFET is to be
turned on, the driver places the CB voltage across the
gate-source of the MOSFET. This enhances the MOSFET
and turns on the topside switch. The switch node voltage
SW rises to VIN and the BOOST pin rises to VIN + INTVCC.
The value of the boost capacitor CB needs to be 100 times
greater than the total input capacitance of the topside
MOSFET. In most applications 0.1
µF to 0.33µF is ad-
equate. The reverse breakdown on DB must be greater
than VIN(MAX).
When adjusting the gate drive level, the final arbiter is the
total input current for the regulator. If you make a change
and the input current decreases, then you improved the
efficiency. If there is no change in input current, then there
is no change in efficiency.
SENSE +/SENSE Pins
The common mode input range of the current comparator
is from 0V to 1.1(INTVCC). Continuous linear operation in
step-down applications is guaranteed throughout this
range allowing output voltages anywhere from 0.8V to 7V.
A differential NPN input stage is used and is biased with
internal resistors from an internal 2.4V source as shown
in the Functional Diagram. This causes current to either be
sourced or sunk by the sense pins depending on the
output voltage. If the output voltage is below 2.4V current
will flow out of both sense pins to the main output. This
forces a minimum load current that can be fulfilled by the
APPLICATIO S I FOR ATIO
Figure 4. Setting the LTC1735 Output Voltage
VOSENSE
SGND
VOUT
R2
1735 F04
LTC1735
R1
47pF
VOUT resistive divider. The maximum current flowing out
of the sense pins is:
ISENSE+ + ISENSE– = (2.4V – VOUT)/24k
Since VOSENSE is servoed to the 0.8V reference voltage, we
can choose R1 in Figure 4 to have a maximum value to
absorb this current:
Rk
V
VV
MAX
OUT
124
08
24
()
.
.–
=


Regulating an output voltage of 1.8V, the maximum value
of R1 should be 32k. Note that at output voltages above
2.4V no maximum value of R1 is necessary to absorb the
sense pin currents; however, R1 is still bounded by the
VOSENSE feedback current.
Soft-Start/Run Function
The RUN/SS pin is a multipurpose pin that provides a soft-
start function and a means to shut down the LTC1735.
Soft-start reduces surge currents from VIN by gradually
increasing the controller’s current limit ITH(MAX). This pin
can also be used for power supply sequencing.
Pulling the RUN/SS pin below 1.5V puts the LTC1735 into
shutdown. This pin can be driven directly from logic as
shown in Figure 5. The VIN quiescent current is a function
of RUN/SS voltage (refer to Typical Performance Charac-
teristics graphs on page 6). Releasing the RUN/SS pin
allows an internal 1.2
µA current source to charge up the
external soft-start capacitor CSS. If RUN/SS has been
pulled all the way to ground there is a delay before starting
of approximately:
t
V
A
Cs F C
DELAY
SS
SS
=
µ
()
15
12
125
.
.
./
When the voltage on RUN/SS reaches 1.5V the LTC1735
begins operating with a current limit at approximately
25mV/RSENSE. As the voltage on the RUN/SS pin increases
from 1.5V to 3.0V, the internal current limit is increased
from 25mV/RSENSE to 75mV/RSENSE. The output current
limit ramps up slowly, taking an additional 1.25s/
µF to
reach full current. The output current thus ramps up
slowly, reducing the starting surge current required from
the input power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com