Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8548ECHXATHC Datasheet(PDF) 44 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 44 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 48Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
44
Freescale Semiconductor
Local Bus
10.2
Local Bus AC Electrical Specifications
This table describes the timing parameters of the local bus interface at BVDD = 3.3 V. For information
about the frequency range of local bus, see Section 20.1, “Clock Ranges.”
Table 40. Local Bus Timing Parameters (BVDD = 3.3 V)—PLL Enabled
Parameter
Symbol1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
7.5
12
ns
2
Local bus duty cycle
tLBKH/tLBK
43
57
%
—
LCLK[n] skew to LCLK[m] or LSYNC_OUT
tLBKSKEW
—150
ps
7, 8
Input setup to local bus clock (except LGTA/LUPWAIT)
tLBIVKH1
1.8
—
ns
3, 4
LGTA/LUPWAIT input setup to local bus clock
tLBIVKH2
1.7
—
ns
3, 4
Input hold from local bus clock (except LGTA/LUPWAIT)
tLBIXKH1
1.0
—
ns
3, 4
LGTA/LUPWAIT input hold from local bus clock
tLBIXKH2
1.0
—
ns
3, 4
LALE output transition to LAD/LDP output transition (LATCH hold time)
tLBOTOT
1.5
—
ns
6
Local bus clock to output valid (except LAD/LDP and LALE)
tLBKHOV1
—2.0
ns
—
Local bus clock to data valid for LAD/LDP
tLBKHOV2
—2.2
ns
3
Local bus clock to address valid for LAD
tLBKHOV3
—2.3
ns
3
Local bus clock to LALE assertion
tLBKHOV4
—2.3
ns
3
Output hold from local bus clock (except LAD/LDP and LALE)
tLBKHOX1
0.7
—
ns
3
Output hold from local bus clock for LAD/LDP
tLBKHOX2
0.7
—
ns
3
Local bus clock to output high Impedance (except LAD/LDP and LALE)
tLBKHOZ1
—2.5
ns
5
Local bus clock to output high impedance for LAD/LDP
tLBKHOZ2
—2.5
ns
5
Notes:
1. The symbols used for timing specifications follow the pattern of t(first two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tLBIXKH1 symbolizes local bus
timing (LB) for the input (I) to go invalid (X) with respect to the time the tLBK clock reference (K) goes high (H), in this case
for clock one (1). Also, tLBKHOX symbolizes local bus timing (LB) for the tLBK clock reference (K) to go high (H), with respect
to the output (O) going invalid (X) or output hold time.
2. All timings are in reference to LSYNC_IN for PLL enabled and internal local bus clock for PLL bypass mode.
3. All signals are measured from BVDD/2 of the rising edge of LSYNC_IN for PLL enabled or internal local bus clock for PLL
bypass mode to 0.4
 BV
DD of the signal in question for 3.3-V signaling levels.
4. Input timings are measured at the pin.
5. For purposes of active/float timing measurements, the Hi-Z or off state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
6. tLBOTOT is a measurement of the minimum time between the negation of LALE and any change in LAD. tLBOTOT is
programmed with the LBCR[AHD] parameter.
7. Maximum possible clock skew between a clock LCLK[m] and a relative clock LCLK[n]. Skew measured between
complementary signals at BVDD/2.
8. Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com