Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MPC8548ECHXATHC Datasheet(PDF) 97 Page - Freescale Semiconductor, Inc

Part # MPC8548ECHXATHC
Description  Integrated Processor Hardware Specifications
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8548ECHXATHC Datasheet(HTML) 97 Page - Freescale Semiconductor, Inc

Back Button MPC8548ECHXATHC Datasheet HTML 93Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 94Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 95Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 96Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 97Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 98Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 99Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 100Page - Freescale Semiconductor, Inc MPC8548ECHXATHC Datasheet HTML 101Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 151 page
background image
MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9
Freescale Semiconductor
97
Package Description
MWE
E7
O
GVDD
—
MCAS
H7
O
GVDD
—
MRAS
L8
O
GVDD
—
MCKE[0:3]
F10, C10, J11, H11
O
GVDD
11
MCS[0:3]
K8, J8, G8, F8
O
GVDD
—
MCK[0:5]
H9, B15, G2, M9, A14, F1
O
GVDD
—
MCK[0:5]
J9, A15, G1, L9, B14, F2
O
GVDD
—
MODT[0:3]
E6, K6, L7, M7
O
GVDD
—
MDIC[0:1]
A19, B19
I/O
GVDD
36
Local Bus Controller Interface
LAD[0:31]
E27, B20, H19, F25, A20, C19, E28, J23, A25,
K22, B28, D27, D19, J22, K20, D28, D25, B25,
E22, F22, F21, C25, C22, B23, F20, A23, A22,
E19, A21, D21, F19, B21
I/O
BVDD
—
LDP[0:3]
K21, C28, B26, B22
I/O
BVDD
—
LA[27]
H21
O
BVDD
5, 9
LA[28:31]
H20, A27, D26, A28
O
BVDD
5, 7, 9
LCS[0:4]
J25, C20, J24, G26, A26
O
BVDD
LCS5/DMA_DREQ2
D23
I/O
BVDD
1
LCS6/DMA_DACK2
G20
O
BVDD
1
LCS7/DMA_DDONE2
E21
O
BVDD
1
LWE0/LBS0/LSDDQM[0]
G25
O
BVDD
5, 9
LWE1/LBS1/LSDDQM[1]
C23
O
BVDD
5, 9
LWE2/LBS2/LSDDQM[2]
J21
O
BVDD
5, 9
LWE3/LBS3/LSDDQM[3]
A24
O
BVDD
5, 9
LALE
H24
O
BVDD
5, 8, 9
LBCTL
G27
O
BVDD
5, 8, 9
LGPL0/LSDA10
F23
O
BVDD
5, 9
LGPL1/LSDWE
G22
O
BVDD
5, 9
LGPL2/LOE/LSDRAS
B27
O
BVDD
5, 8, 9
LGPL3/LSDCAS
F24
O
BVDD
5, 9
LGPL4/LGTA/LUPWAIT/LPBSE
H23
I/O
BVDD
—
LGPL5
E26
O
BVDD
5, 9
LCKE
E24
O
BVDD
—
LCLK[0:2]
E23, D24, H22
O
BVDD
—
Table 71. MPC8548E Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com