Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP259YN Datasheet(PDF) 31 Page - Power Integrations, Inc.

Part # TOP259YN
Description  Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP259YN Datasheet(HTML) 31 Page - Power Integrations, Inc.

Back Button TOP259YN Datasheet HTML 27Page - Power Integrations, Inc. TOP259YN Datasheet HTML 28Page - Power Integrations, Inc. TOP259YN Datasheet HTML 29Page - Power Integrations, Inc. TOP259YN Datasheet HTML 30Page - Power Integrations, Inc. TOP259YN Datasheet HTML 31Page - Power Integrations, Inc. TOP259YN Datasheet HTML 32Page - Power Integrations, Inc. TOP259YN Datasheet HTML 33Page - Power Integrations, Inc. TOP259YN Datasheet HTML 34Page - Power Integrations, Inc. TOP259YN Datasheet HTML 35Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
Rev. F 01/09
31
TOP252-262
www.powerint.com
Quick Design Checklist
In order to reduce the no-load input power of TOPSwitch-HX
designs, the V-pin (or M-pin for P Package) operates at very
low current. This requires careful layout considerations when
designing the PCB to avoid noise coupling. Traces and
components connected to the V-pin should not be adjacent to
any traces carrying switching currents. These include the drain,
clamp network, bias winding return or power traces from other
converters. If the line sensing features are used, then the sense
resistors must be placed within 10 mm of the V-pin to minimize
the V pin node area. The DC bus should then be routed to the
line sense resistors. Note that external capacitance must not
be connected to the V-pin as this may cause misoperaton of the
V pin related functions.
As with any power supply design, all TOPSwitch-HX designs
should be verified on the bench to make sure that components
specifications are not exceeded under worst-case conditions.
The following minimum set of tests is strongly recommended:
Maximum drain voltage – Verify that peak V
DS does not
exceed 675 V at highest input voltage and maximum
overload output power. Maximum overload output power
occurs when the output is overloaded to a level just before
the power supply goes into auto-restart (loss of regulation).
1.
Maximum drain current – At maximum ambient temperature,
maximum input voltage and maximum output load, verify
drain current waveforms at start-up for any signs of trans-
former saturation and excessive leading edge current spikes.
TOPSwitch-HX has a leading edge blanking time of 220 ns
to prevent premature termination of the ON-cycle. Verify that
the leading edge current spike is below the allowed current
limit envelope (see Figure 53) for the drain current waveform
at the end of the 220 ns blanking period.
Thermal check – At maximum output power, both minimum
and maximum voltage and ambient temperature; verify that
temperature specifications are not exceeded for
TOPSwitch-HX, transformer, output diodes and output
capacitors. Enough thermal margin should be allowed for
the part-to-part variation of the R
DS(ON) of TOPSwitch-HX, as
specified in the data sheet. The margin required can either
be calculated from the values in the parameter table or it can
be accounted for by connecting an external resistance in
series with the DRAIN pin and attached to the same heat
sink, having a resistance value that is equal to the difference
between the measured R
DS(ON) of the device under test and
the worst case maximum specification.
Design Tools
Up-to-date information on design tools can be found at the
Power Integrations website: www.powerint.com
2.
3.
Figure 50c. Layout Considerations for TOPSwitch-HX Using L-Package and Operating at 132 kHz.
+
- DC
Out
+
-
HV
PI-5216-091508
Y1-
Capacitor
C7
Isolation Barrier
Output
Rectifier
J1
JP1
C4
R6
D5
C6
R7
VR1
R22
C8
R8
U1
C9
D6
C10
R10
VR2
R9
JP2
R15
R13
R17
U4
C21
R21
D8
C16
R12
HS2
HS1
C17
J2
R20
C19
L3
C18
T1
Output Filter
Capacitor
Input Filter
Capacitor
Note: Components U1, R8, C8, C9 and R22
are under heat sink HS1.
Transformer
X
FD
Y
S
C
U2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com