Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

TOP259YN Datasheet(PDF) 41 Page - Power Integrations, Inc.

Part # TOP259YN
Description  Enhanced EcoSmart짰, Integrated Off-Line Switcher with Advanced Feature Set and Extended Power Range
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP259YN Datasheet(HTML) 41 Page - Power Integrations, Inc.

Back Button TOP259YN Datasheet HTML 37Page - Power Integrations, Inc. TOP259YN Datasheet HTML 38Page - Power Integrations, Inc. TOP259YN Datasheet HTML 39Page - Power Integrations, Inc. TOP259YN Datasheet HTML 40Page - Power Integrations, Inc. TOP259YN Datasheet HTML 41Page - Power Integrations, Inc. TOP259YN Datasheet HTML 42Page - Power Integrations, Inc. TOP259YN Datasheet HTML 43Page - Power Integrations, Inc. TOP259YN Datasheet HTML 44Page - Power Integrations, Inc. TOP259YN Datasheet HTML 45Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 48 page
background image
Rev. F 01/09
41
TOP252-262
www.powerint.com
Typical Performance Characteristics (cont.)
6
4.5
5.5
5
2
0
100
200
500
400
300
VOLTAGE-MONITOR Pin Current ( A)
3
2.5
3.5
4
1.6
1.0
1.4
1.2
0
-200
-150
-50
-100
0
EXTERNAL CURRENT LIMIT Pin Current ( A)
0.4
0.2
0.6
0.8
V
X = 1.354 - 1147.5 ×
I
X
1.759 × 106 ×
(I
X)
2 with -180 A
I
X
-25 A
6
5
4
3
2
1
0
-200 -100
0
100
200 300 400 500
MULTI-FUNCTION Pin Current ( A)
See expanded
version
(Figure 63b)
1.2
1.4
1.6
0.4
0.6
0.2
0.8
1.0
0
-200
-150
-50
-100
0
MULTI-FUNCTION Pin Current ( A)
V
M = 1.354 - 1147.5 ×
I
M
1.759 × 106 ×
(I
M)
2 with -180 A
I
M
-25 A
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature ( C)
1.2
1.0
0.8
0.6
0.4
0.2
0
-50 -25
0
25
50
75 100 125 150
Junction Temperature ( C)
Figure 62b. EXTERNAL CURRENT LIMIT Pin Voltage vs. Current.
Figure 63a. MULTI-FUNCTION Pin Voltage vs. Current.
Figure 63b. MULTI-FUNCTION Pin Voltage vs. Current (Expanded).
Figure 64. Control Current Out at 0% Duty Cycle vs. Temperature.
Figure 65. Maximum Duty Cycle Reduction Onset Threshold
Current vs. Temperature.
Figure 62a. VOLTAGE-MONITOR Pin vs. Current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com