Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AK2048D Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK2048D
Description  2M CMI Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2048D Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK2048D Datasheet HTML 1Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 2Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 3Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 4Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 5Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 6Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 7Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 8Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ASAHI KASEI
[AK2048]
MS0073-E-00
2001/01
4
PIN DESCRIPTIONS
Pin Name
I/O
Function
RDATA
O
Receive Data output recovered from the incoming data. Delay time from the incoming
data to the RDATA is about 1.25bit. Output on the rising edge of RCLK.
RCLK
O
Receive Clock Output recovered from the incoming data.
RCRV
O
CRV (Code Rule Violation) output pin.
When AK2048D detects the CRV of CMI codes from in the coming data, RCRV goes
to “high” synchronized with the violation data. CRV is detected for both “0” data and
“1” data. Refer to Fig.6, 11
TDATA
I
Transmit Data Input pin.
Input on the falling edge of TCLK.
TCLK
I
Transmit Clock Input pin.
TCRV
I
If this input is “high”, AK2048D generates CRV in the transmit data.
CRV is generated for both “0”data and “1”data. “High” input TCRV is accepted until 5
clocks duration. If the duration of “High” input is longer than 6 clocks, TCRV input
after 6th clock is ignored. Refer to Fig.4, 11
TEST1
NC Test pin. Should be floated.
TEST2
NC Test pin. Should be floated.
LOCK
O
LOCK indicates the PLL status whether PLL is in the LOCK status or PLL is in the
UNLOCK status.
LOCK status
LOCK becomes “Low” when the sampled RCLK are all “Low” during the consecutive
32 RXA-RXB sample clock duration.
UN LOCK status
LOCK becomes “High” when the following both conditions are satisfied.
-
The sampled RCLK are “High” more than 5 clocks in the frame of the consecutive
256 RXA-RXB clock duration.
-
And the above happens in the 5 consecutive frames.
In another condition, LOCK keeps the current output status without change.
The output timing of this signal is asynchronous with RCLK.
When RST is “Low”, LOCK is fixed to “High”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com