Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AK2048D Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AK2048D
Description  2M CMI Transceiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK2048D Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AK2048D Datasheet HTML 3Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 4Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 5Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 6Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 7Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 8Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 9Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 10Page - Asahi Kasei Microsystems AK2048D Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ASAHI KASEI
[AK2048]
MS0073-E-00
2001/01
7
TRANSMITTER
Parameter
Symbol
min
typ
max
Unit
Comments
Va
2.55
3.3
3.90
VpeakH
4.05
Output signal level
VpeakL
2.55
Vp-p
Refer to Fig.1, 2
Rise/Fall Time
Tr, Tf
20
50
ns
Refer to Fig.1, 2
Pulse duty of transmit output
43
50
57
%
*1), *2)
Refer to Fig.3
Delay time from TDATA to TXA,TXB
Ttd
1
Bit
*3)Refer to Fig.4
*1) The duty cycle of TCLK 50%
±4%.
*2) Duty cycle = Tpwh / (Tpwh + Tpwl)
× 100%
*3) Signal output delay = (1bit logical delay) + (internal propagation delay)
TXA
TXB
110
Transmit output amplitude
is specified at this point.
(Va, VpeakH, VpeakL)
56
56
Fig.1 Measurement circuit
Fig.2 Rise and fall times
VpeakL
Va
VpeakH
0.8Va
Tr,Tf



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com