Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP3 Datasheet(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

Part # DP3
Description  Thunderbolt Compatible Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DP3 Datasheet(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  DP3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MB-0248-1
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
2/7
Stainless steel / Ni
Shell
Glass filled LCP / None
Housing
Copper alloy / 0.3
 Au plating over Ni (contact area)
Sn plating over Ni (terminal area)
Contact
Material / Finish
Component
Materials / Finishes
Ordering Information
DP3 R 020 S U32 J Q 1 R****
R: Receptacle
Series
No. of Contacts
Mounting Direction
S: Standard mounting
R: Reverse mounting
Distance from Mounting Surface to Center Line of Mating Interface
U32: 3.2mm upward from mating surface
L05: 0.5mm downward from mating surface
J: Angle type
Plating
Q: 0.3
m Au plating
Through-hole Terminal Length
None: 1.4mm
1: 2.1 mm
Emboss Reel
Number of pieces per reel



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com