Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

DP3 Datasheet(PDF) 1 Page - Japan Aviation Electronics Industry, Ltd.

Part # DP3
Description  Thunderbolt Compatible Connector
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JAE [Japan Aviation Electronics Industry, Ltd.]
Direct Link  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

DP3 Datasheet(HTML) 1 Page - Japan Aviation Electronics Industry, Ltd.

  DP3 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. DP3 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
COMPONENTS PRODUCT INFORMATION
CONNECTOR
NEW
MB-0248-1
June 2012
1/7
JAE PMK Div. Proprietary. Copyright © 2012, Japan Aviation Electronics Industry, Ltd.
Features
DP3 Series
10Gbps high-speed transmission connector for Thunderbolt.
Available in standard and reverse mounting, sunk-into-the-board type is also available.
Enhanced board mounting strength with through-hole hold-downs on the metal shell.
Friction lock with the metal shell enhances cable plug retention strength and creates a
clear click feeling when mated.
Connector is supplied in embossed reel.
General Information
■Rated Current: 0.5A (signal pin)
■Insulation Resistance: 10M
 min.
■Durability: 10,000 mating cycles
Thunderbolt Compatible Connector
The DP3 Series has been developed as an I/O connector compatible with ThunderboltTM
Technology for high-speed transmission between PCs and peripheral devices.
*Thunderbolt is a trademark of Intel in the US and other countries.
On-board Standard
Reverse Sunk-into-the-board
RoHS Compliant
■No. of Contacts: 20
■Contact Resistance: 100m
 max.
■Dielectric Withstanding Voltage:
AC300Vr.m.s per 1 minute
■Operating Temperature:
-20 Deg. C to +85 Deg. C


Similar Part No. - DP3

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
DP3 GRAYHILL-DP3 Datasheet
871Kb / 6P
Miniature Toggle Switches
logo
Copal Electronics
DP3 COPAL-DP3 Datasheet
715Kb / 5P
Directing Switches
logo
List of Unclassifed Man...
DP3 ETC2-DP3 Datasheet
166Kb / 1P
Use recommendations for machines
DP30 ETC1-DP30 Datasheet
42Kb / 2P
STUD-BASE SILICON RECTIFIER DIODES TYPE PCN/PCRO30 30AMPERES AVERAGE : UP TO 1600 VOLTS V-RRM
logo
Power-One
DP3020-7R POWER-ONE-DP3020-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
More results

Similar Description - DP3

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT15GT60BRDQ1 ADPOW-APT15GT60BRDQ1 Datasheet
427Kb / 9P
Thunderbolt IGBT
APT15GT120BR ADPOW-APT15GT120BR Datasheet
397Kb / 6P
Thunderbolt IGBT
APT15GT120BRDQ1 ADPOW-APT15GT120BRDQ1 Datasheet
430Kb / 9P
Thunderbolt IGBT
APT20GT60BRDQ1 ADPOW-APT20GT60BRDQ1 Datasheet
428Kb / 9P
Thunderbolt IGBT
APT25GT120BR ADPOW-APT25GT120BR Datasheet
394Kb / 6P
Thunderbolt IGBT
APT50GT60BRDQ2 ADPOW-APT50GT60BRDQ2 Datasheet
431Kb / 9P
Thunderbolt IGBT
logo
Microsemi Corporation
APT100GT60JRDQ4 MICROSEMI-APT100GT60JRDQ4 Datasheet
215Kb / 9P
Thunderbolt IGBT
APT100GT120JRDQ4 MICROSEMI-APT100GT120JRDQ4 Datasheet
993Kb / 9P
Thunderbolt IGBT
APT40GT60BRG MICROSEMI-APT40GT60BRG Datasheet
229Kb / 6P
Thunderbolt IGBT
logo
Advanced Power Technolo...
APT50GT120LRDQ2 ADPOW-APT50GT120LRDQ2 Datasheet
440Kb / 9P
Thunderbolt IGBT
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com