Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7912 Datasheet(PDF) 13 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADE7912 Datasheet HTML 9Page - Analog Devices ADE7912 Datasheet HTML 10Page - Analog Devices ADE7912 Datasheet HTML 11Page - Analog Devices ADE7912 Datasheet HTML 12Page - Analog Devices ADE7912 Datasheet HTML 13Page - Analog Devices ADE7912 Datasheet HTML 14Page - Analog Devices ADE7912 Datasheet HTML 15Page - Analog Devices ADE7912 Datasheet HTML 16Page - Analog Devices ADE7912 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 13 of 44
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 8. Current Channel FFT, ±31.25 mV, 50 Hz Pseudo Differential Input
Signal, ADC_FREQ = 8 kHz, BW = 3300 Hz
Figure 9. Current Channel FFT, ±31.25 µV, 50 Hz Pseudo Differential Input
Signal, ADC_FREQ = 8 kHz, BW = 3300 Hz
Figure 10. Voltage Channel V1 FFT, ±500 mV, 50 Hz Pseudo Differential Input
Signal, ADC_FREQ = 8 kHz, BW = 3300 Hz
Figure 11. Voltage Channel V1 FFT, ±500 µV, 50 Hz Pseudo Differential Input
Signal, ADC_FREQ = 8 kHz, BW = 3300 Hz
Figure 12. Voltage Channel V2 FFT, ±500 mV, 50 Hz Pseudo Differential Input
Signal, ADC_FREQ = 8 kHz, BW = 3300 Hz
Figure 13. Voltage Channel V2 FFT, ±500 µV, 50 Hz Pseudo Differential Input
Signal, ADC_FREQ = 8 kHz, BW = 3300 Hz
20
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
FREQUENCY (Hz)
SNR = 67.06dB
THD = –78.71dB
SINAD = 66.78dB
SFDR = 83.38dB
0
–160
–140
–120
–100
–80
–60
–40
–20
0
500
1000
1500
2000
2500
3000
3500
4000
4500
FREQUENCY (Hz)
SNR = 6.98dB
THD = –20.04dB
SINAD = 6.77dB
SFDR = 26.65dB
20
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
FREQUENCY (Hz)
SNR = 74.4dB
THD = –80.05dB
SINAD = 73.36dB
SFDR = 80.75dB
0
–160
–140
–120
–100
–80
–60
–40
–20
0
500
1000
1500
2000
2500
3000
3500
4000
4500
FREQUENCY (Hz)
SNR = 15.00dB
THD = –28.08dB
SINAD = 14.8dB
SFDR = 33.75dB
20
–180
–160
–140
–120
–100
–80
–60
–40
–20
0
0
500
1000
1500
2000
2500
3000
3500
4000
4500
FREQUENCY (Hz)
SNR = 74.18dB
THD = –80.44dB
SINAD = 73.26dB
SFDR = 73.26dB
0
–160
–140
–120
–100
–80
–60
–40
–20
0
500
1000
1500
2000
2500
3000
3500
4000
4500
FREQUENCY (Hz)
SNR = 14.68dB
THD = –27.97dB
SINAD = 14.48dB
SFDR = 34.92dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com