Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADE7912 Datasheet(PDF) 3 Page - Analog Devices

Part # ADE7912
Description  3-Channel, Isolated, Sigma-Delta ADC with SPI
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7912 Datasheet(HTML) 3 Page - Analog Devices

  ADE7912 Datasheet HTML 1Page - Analog Devices ADE7912 Datasheet HTML 2Page - Analog Devices ADE7912 Datasheet HTML 3Page - Analog Devices ADE7912 Datasheet HTML 4Page - Analog Devices ADE7912 Datasheet HTML 5Page - Analog Devices ADE7912 Datasheet HTML 6Page - Analog Devices ADE7912 Datasheet HTML 7Page - Analog Devices ADE7912 Datasheet HTML 8Page - Analog Devices ADE7912 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 44 page
background image
Data Sheet
ADE7912/ADE7913
Rev. 0 | Page 3 of 44
The ADE7912/ADE7913 include isoPower®, an integrated,
isolated dc-to-dc converter. Based on the Analog Devices
iCoupler technology, the dc-to-dc converter provides the
regulated power required by the first stage of the ADCs at a
3.3 V input supply. isoPower eliminates the need for an external
dc-to-dc isolation block. The iCoupler chip scale transformer
technology is also used to isolate the logic signals between the
first and second stages of the ADC. The result is a small form
factor, total isolation solution.
The ADE7912/ADE7913 configuration and status registers are
accessed via a bidirectional SPI serial port for easy interfacing
with microcontrollers.
The ADE7912/ADE7913 can be clocked from a crystal or an
external clock signal. To minimize the system bill of materials,
the master ADE7912/ADE7913 can drive the clocks of up to
three additional ADE7912/ADE7913 devices.
Multiple ADE7912/ADE7913 devices can be synchronized to
sample at the same moment and provide coherent outputs.
The ADE7912/ADE7913 are available in a 20-lead, Pb-free,
wide-body SOIC package with 8.3 mm creepage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com