Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP2323ACPZ-R7 Datasheet(PDF) 30 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 30 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 29Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 30Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 31Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
ADP2323
Data Sheet
Rev. A | Page 30 of 32
INTVCC
RTOP1
47.5kΩ
CC1
1000pF
RC1
68kΩ
CSS1
22nF
CINT
1µF
CDRV
1µF
CIN1
10µF, 25V
CBST1
0.1µF
CBST2
0.1µF
L1
4.7µH
M1
FDS8880
M2
FDS8880
L2
2.2µH
VIN
12V
VIN
12V
VOUT1
2.5V, 3A
COUT1
47µF
COUT3
100µF
VOUT2
1.25V, 3A
RBOT1
15kΩ
RTRK_TOP
47.5kΩ
RTRK_BOT
15kΩ
RTOP2
13kΩ
RC2
58kΩ
CC2
1000pF
CSS2
10nF
CIN2
10µF, 25V
RBOT2
12kΩ
ROSC
120kΩ
TRK2
MODE
SCFG
VDRV
ADP2323
GND
PGOOD2
PGOOD1
SYNC
RT
SW1
DL1
PGND
DL2
SW2
TRK2
COUT2
47µF
COUT4
100µF
Figure 57. Channel 2 Tracking with Channel 1
VIN1 = VIN2 = 12 V, VOUT1 = 2.5 V, IOUT1 = 3 A, VOUT2 = 1.25 V, IOUT2 = 3 A, fSW = 500 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com