Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADP2323ACPZ-R7 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP2323ACPZ-R7
Description  Dual 3 A, 20 V Synchronous Step-Down Regulator with Integrated High-Side MOSFET
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2323ACPZ-R7 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP2323ACPZ-R7 Datasheet HTML 21Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 22Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 23Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 24Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 25Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 26Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 27Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 28Page - Analog Devices ADP2323ACPZ-R7 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Data Sheet
ADP2323
Rev. A | Page 25 of 32
EXTERNAL COMPONENTS RECOMMENDATION
Table 12. Recommended External Components for Typical Applications with 3 A Output Current
f
SW (kHz)
V
IN (V)
V
OUT (V)
L (µH)
C
OUT (µF)
1
R
TOP (kΩ)
R
BOT (kΩ)
R
C (kΩ)
C
C (pF)
C
CP (pF)
300
12
1
3.3
330
10
15
62
1500
33
12
1.2
4.7
330
10
10
82
1500
22
12
1.5
4.7
330
15
10
100
1500
22
12
1.8
4.7
2 × 100
20
10
47
1500
4.7
12
2.5
6.8
100 + 47
47.5
15
47
1500
4.7
12
3.3
10
100 + 47
10
2.21
62
1500
3.3
12
5
10
100
22
3
62
1500
2.2
5
1
3.3
330
10
15
62
1500
33
5
1.2
3.3
330
10
10
82
1500
22
5
1.5
3.3
330
15
10
100
1500
22
5
1.8
4.7
2 × 100
20
10
47
1500
4.7
5
2.5
4.7
100 + 47
47.5
15
47
1500
4.7
5
3.3
4.7
100
10
2.21
47
1500
3.3
600
12
1.5
2.2
2 × 100
15
10
82
820
2.2
12
1.8
3.3
100 + 47
20
10
75
820
3.3
12
2.5
3.3
2 × 47
47.5
15
62
820
2.2
12
3.3
4.7
2 × 47
10
2.21
82
820
2.2
12
5
4.7
47
22
3
62
820
2.2
5
1
1.5
2 × 100
10
15
56
820
2.2
5
1.2
1.5
2 × 100
10
10
62
820
2.2
5
1.5
2.2
100 + 47
15
10
62
820
2.2
5
1.8
2.2
2 × 47
20
10
47
820
2.2
5
2.5
2.2
2 × 47
47.5
15
62
820
2.2
5
3.3
2.2
2 × 47
10
2.21
82
820
2.2
1000
12
1.8
1.5
100
20
10
82
470
2.2
12
2.5
2.2
47
47.5
15
56
470
2.2
12
3.3
2.2
47
10
2.21
68
470
2.2
12
5
3.3
47
22
3
100
470
2.2
5
1
1
2 × 100
10
15
82
470
2.2
5
1.2
1
100 + 47
10
10
82
470
2.2
5
1.5
1
2 × 47
15
10
68
470
2.2
5
1.8
1
2 × 47
20
10
82
470
2.2
5
2.5
1
47
47.5
15
56
470
2.2
5
3.3
1
47
10
2.21
62
470
2.2
1 330 µF: 6.3 V, Sanyo 6TPD330M; 100 µF: 6.3 V, X5R, Murata GRM32ER60J107ME20; 47 µF: 6.3 V, X5R, Murata GRM32ER60J476ME20.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com