Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HFC0310 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # HFC0310
Description  Fixed-Frequency Flyback Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HFC0310 Datasheet(HTML) 4 Page - Monolithic Power Systems

  HFC0310 Datasheet HTML 1Page - Monolithic Power Systems HFC0310 Datasheet HTML 2Page - Monolithic Power Systems HFC0310 Datasheet HTML 3Page - Monolithic Power Systems HFC0310 Datasheet HTML 4Page - Monolithic Power Systems HFC0310 Datasheet HTML 5Page - Monolithic Power Systems HFC0310 Datasheet HTML 6Page - Monolithic Power Systems HFC0310 Datasheet HTML 7Page - Monolithic Power Systems HFC0310 Datasheet HTML 8Page - Monolithic Power Systems HFC0310 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
HFC0310 –FIXED-FREQUENCY FLYBACK CONTROLLER
HFC0310 Rev. 1.01
www.MonolithicPower.com
4
6/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC =12V, TA=+25°C, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Driving Signal (Pin Drv)
Sourcing Resistor
RH
20
Sinking Resistor
RL
10
Supply Voltage Management (Pin Vcc)
VCC Upper Turn-On/Off Level
VCCH
11
12
13
V
VCC, Lower Turn-On/Off Level
VCCL
8.5
9.3
10
V
Start-Up Current
IST
VCC=VCCH-
0.5V,
Before
start up
12
20
μA
VCC OVP Level
VOVP
23.3
24.5
25.7
V
VCC Protection-Enabled Recharge Level
VCCR
5.7
6.2
6.7
V
Internal IC Consumption, Protection
Phase
IPro
VCC =6.0V
8
10
μA
Feedback Management (Pin FB)
Internal Pull-Up Resistor
RFB
12.5
14
15.5
kΩ
Internal Pull-Up Voltage
VUP
4.5
V
FB to Current-Set–Point Division Ratio
IDIV
3
Internal Soft-Start Time
tSS
3
ms
Falling FB Level Where the Regulator
Enters Burst Mode
VBURL
0.5
V
Rising FB Level where the Regulator
Exits Burst Mode
VBURH
0.7
V
Over-Load Set Point
VOLP
3.5
3.8
4
V
Over-Load Delay Time
tDelay
Fs=100kHz
82
ms
Timing Capacitor(FSET)
Maximum Voltage on the FSET
Capacitor
VFSETmax
0.83
0.87
0.91
V
Source Current
IFSET
45
53
61
μA
FSET Capacitor Discharge Time (Active
at drive turn on)
tDISCH
400
ns
Frequency Spectrum Shaping range, in
percentage of Fs
RShaping
±3.5
%
Current Sampling Management (CS)
Leading-Edge Blanking for Current
Sensor
tLEB1
350
ns
Leading-Edge Blanking for SCP
tLEB2
240
ns
Maximum Current Set-Point
VCS
0.91
0.95
0.98
V
Short-Circuit–Protection Set Point
VSC
1.55
1.65
1.75
V
Internal-Slope–Compensation Ramp
SRamp
fS=100kHz
38
mV/μs
Protection Management (PRO)
Protection Voltage
VPRO
3.1
3.25
3.4
V
Protection Hysteresis
VHY
0.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com