Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HFC0310 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # HFC0310
Description  Fixed-Frequency Flyback Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

HFC0310 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button HFC0310 Datasheet HTML 4Page - Monolithic Power Systems HFC0310 Datasheet HTML 5Page - Monolithic Power Systems HFC0310 Datasheet HTML 6Page - Monolithic Power Systems HFC0310 Datasheet HTML 7Page - Monolithic Power Systems HFC0310 Datasheet HTML 8Page - Monolithic Power Systems HFC0310 Datasheet HTML 9Page - Monolithic Power Systems HFC0310 Datasheet HTML 10Page - Monolithic Power Systems HFC0310 Datasheet HTML 11Page - Monolithic Power Systems HFC0310 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
HFC0310 –FIXED-FREQUENCY FLYBACK CONTROLLER
HFC0310 Rev. 1.01
www.MonolithicPower.com
8
6/19/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=230VAC, VOUT1=12V/0.8A, VOUT2=8V/0.2A, VOUT3=8V/0.05A, TA=+25°C, unless otherwise noted.
Efficiency
VOUT1
20mV/div.
VOUT2
100mV/div.
VOUT3
50mV/div.
Output Voltage Ripple
Full Load
Output Voltage Ripple
No Load
VDS
200V/div.
Stress
VIN = 420VAC, Full Load
VIN
100V/div.
VOUT1
5V/div.
VOUT2
5V/div.
VOUT3
5V/div.
Input Power Startup
Full Load
Input Power Startup
No Load
Input Power Shutdown
Full Load
Input Power Shutdown
No Load
0
10
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1 1.1
EMI
150kHz
30MHz
-10
-20
10
0
20
50
40
30
60
70
80
EN55022Q
EN55022A
1 PK
MAXH
2 AV
MAXH
1 MHz
10 MHz
SGL
TDS
6DB
115VAC
230VAC
VOUT1
50mV/div.
VOUT2
10mV/div.
VOUT3
10mV/div.
VIN
100V/div.
VOUT1
5V/div.
VOUT2
5V/div.
VOUT3
5V/div.
VIN
100V/div.
VOUT1
5V/div.
VOUT2
5V/div.
VOUT3
5V/div.
VIN
100V/div.
VOUT1
5V/div.
VOUT2
5V/div.
VOUT3
5V/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com