Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2004 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2004
Description  Dual, Low Noise, High PSRR 200mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2004 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2004 Datasheet HTML 1Page - Monolithic Power Systems MP2004 Datasheet HTML 2Page - Monolithic Power Systems MP2004 Datasheet HTML 3Page - Monolithic Power Systems MP2004 Datasheet HTML 4Page - Monolithic Power Systems MP2004 Datasheet HTML 5Page - Monolithic Power Systems MP2004 Datasheet HTML 6Page - Monolithic Power Systems MP2004 Datasheet HTML 7Page - Monolithic Power Systems MP2004 Datasheet HTML 8Page - Monolithic Power Systems MP2004 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MP2004-DUAL, LOW NOISE, HIGH PSRR, 200mA LINEAR REGULATOR
MP2004 Rev. 0.92
www.MonolithicPower.com
4
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN=3.6V, VOUT1=2.5V, VOUT2=1.8V, CIN=COUT1=COUT2=2.2uF, EN1=EN2=VIN, Typical Value at TA=25°C
for each LDO unless otherwise noted.
Notes:
5) Load Regulation=
100(%)
V
V
V
OUT(NOM)
]
OUT[I
]
OUT[I
OUT(MIN)
OUT(MAX)
×
−
6) Dropout Voltage is defined as the input to output differential when the output voltage drops 100mV below its nominal value.
7) Line Regulation=
)
100(%/V
V
]
V
[V
V
V
OUT(NOM)
IN(MIN)
IN(MAX)
]
OUT[V
]
OUT[V
IN(MIN)
IN(MAX)
×
×
−
−
PIN FUNCTIONS
Pin #
Name
Description
1
VOUT2
Channel 2 Output Voltage
2
GND
Common Ground
3
EN2
Channel 2 Enable (Active High). Do Not Float This Pin.
4
EN1
Channel 1 Enable (Active High). Do Not Float This Pin.
5
VIN
Supply Input Pin
6
VOUT1
Channel 1 Output Voltage
Parameter
Symbol
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
(Load regulation)
(5)
ΔVOUT
ILOAD = 1mA to 200mA
-1
+1
%
Maximum Output Current
IMAX
Continuous
200
mA
Current Limit
ILIM
RLoad=1Ω
450
mA
Quiescent Current
IQ
No Load
114
uA
IOUT1 = 100mA
110
mV
Dropout Voltage
(6)
VDROP
IOUT1 = 200mA
250
mV
Line Regulation
(7)
∆VLINE
VIN =(VOUT+0.4V or 2.5V)
to 6V, IOUT=1mA
-0.05
+0.05
%/V
EN Input High Threshold
VIH
VIN = 2.5V to 6.0V
1.6
V
EN Input Low Threshold
VIL
VIN = 2.5V to 6.0V
0.45
V
EN Input Bias Current
ISD
EN= VIN =6.5V
300
nA
Shutdown Supply Current
IGSD
EN1 = EN2 = GND
0.03
1
uA
Thermal Shutdown Temperature
TSD
140
°C
Thermal Shutdown Hysteresis
ΔTSD
10
°C
Output Voltage Noise
10Hz to 100kHz,
COUT=2.2μF, ILOAD=1mA
95
μVRMS
Output PSRR
100Hz, COUT = 2.2μF,
ILOAD = 100mA
69
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com