Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2004 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2004
Description  Dual, Low Noise, High PSRR 200mA Linear Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2004 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2004 Datasheet HTML 1Page - Monolithic Power Systems MP2004 Datasheet HTML 2Page - Monolithic Power Systems MP2004 Datasheet HTML 3Page - Monolithic Power Systems MP2004 Datasheet HTML 4Page - Monolithic Power Systems MP2004 Datasheet HTML 5Page - Monolithic Power Systems MP2004 Datasheet HTML 6Page - Monolithic Power Systems MP2004 Datasheet HTML 7Page - Monolithic Power Systems MP2004 Datasheet HTML 8Page - Monolithic Power Systems MP2004 Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
MP2004-DUAL, LOW NOISE, HIGH PSRR, 200mA LINEAR REGULATOR
MP2004 Rev. 0.92
www.MonolithicPower.com
5
4/6/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=3.6V, VOUT1=2.5V, VOUT2=1.8V, CIN=COUT1=COUT2=2.2uF, EN1=EN2=VIN, Typical Value at TA=25°C
for Both Channel Enabled.
0
20
40
60
80
100
120
100
1000
10000
100000 1000000
FREQUENCY(Hz)
Channel-to-Channel
Isolation vs. Frequency
-40 -20
0
20
40
60
85
Quiescent Current vs.
Temperature
200
150
100
50
0
Dropout Voltage vs.
Temperature
-40 -20
0
20
40
60
85
Out Voltage Accuracy vs.
Temperature
0
10
20
30
40
50
60
70
80
10
100
1000
10000 100000 1000000
FREQUENCY(Hz)
Power Supply Rejection
Ratio vs. Frequency
VOUT
10mV/div
VIN
1V/div
VOUT
10mV/div
ILOAD
50mA/div
VOUT
1V/div
VEN
5V/div
200
220
240
260
280
300
-40 -20
0
20
40
60
85
ILOAD=200mA
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
0.25



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com