Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADN8831ACPZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 5Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 6Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 7Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 8Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 9Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 10Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 11Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADN8831
Rev. A | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
SPGATE
SNGATE
10ns/DIV
TA = 25°C
VDD = 5V
Figure 4. SPGATE and SNGATE Rise Time Using Circuit Shown Figure 12
SPGATE
SNGATE
TA = 25°C
VDD = 5V
10ns/DIV
Figure 5. SNGATE and SPGATE Fall Time Using Circuit Shown in Figure 12
0
0.4
0.8
1.2
1.6
2.0
2.4
0
60
120
180
240
300
360
VPHASE (V)
SYNCI/SD = 1MHz
TA = 25°C
VDD = 5V
Figure 6. Clock Phase Shift vs. Phase Voltage
0
0
360
60
120
180
240
300
0.4
0.8
1.2
1.6
2.0
2.4
VPHASE (V)
SYNCI/SD = 1MHz
TA = 25°C
VDD = 3V
Figure 7. Clock Phase Shift vs. Phase Voltage
–40
–15
10
35
60
2.465
2.485
85
2.470
2.475
2.480
TEMPERATURE (°C)
VDD = 5V
Figure 8. VREF vs. Temperature
0
0
1000
1000
200
400
600
800
250
500
750
RFREQ (kΩ)
VDD = 5V
TA = 25°C
Figure 9. Switching Frequency vs. RFREQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com