Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ADN8831ACPZ-R2 Datasheet(PDF) 17 Page - Analog Devices

Part # ADN8831ACPZ-R2
Description  Thermoelectric Cooler (TEC) Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN8831ACPZ-R2 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADN8831ACPZ-R2 Datasheet HTML 12Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 13Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 14Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 15Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 16Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 17Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 18Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 19Page - Analog Devices ADN8831ACPZ-R2 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
ADN8831
Rev. A | Page 17 of 20
MOSFET DRIVER AMPLIFIER
The ADN8831 has two separate MOSFET drivers: a switched
output or pulse-width modulated (PWM) amplifier, and a high
gain linear amplifier. Each amplifier has a pair of outputs that drive
the gates of external MOSFETs which, in turn, drive the TEC as
shown in Figure 17. A voltage across the TEC is monitored via
SFB (Pin 23) and LFB (Pin 27). Although both MOSFET drivers
achieve the same result, to provide constant voltage and high
current, their operation is different. The exact equations for the
two outputs are
)
25
.
1
(
40
−
−
=
OUT2
B
LFB
V
V
V
)
25
.
1
(
5
−
+
=
OUT2
LFB
SFB
V
V
V
where:
VOUT2 is the voltage at OUT2 (Pin 7).
VB is determined by VDD as
]
V
0
.
4
[
V
5
.
1
<
=
DD
B
V
V
]
V
0
.
4
[
V
5
.
2
>
=
DD
B
V
V
The voltage at OUT2 (Pin 7) is determined by the compensation
network that receives temperature set voltage and thermistor
voltage fed by the input amplifier. VLFB has a low limit of 0 V
and an upper limit of VDD. Figure 21 shows the graphs of these
equations.
0
2.5
5.0
0
2.5
5.0
–5.0
–2.5
0
2.5
5.0
0
0.25
0.75
1.25
1.75
2.25
2.75
OUT2 (V)
Figure 21. OUT2 Voltage vs. TEC Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com