Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2452 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP2452
Description  1A, 36V, 1MHz Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2452 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP2452 Datasheet HTML 8Page - Monolithic Power Systems MP2452 Datasheet HTML 9Page - Monolithic Power Systems MP2452 Datasheet HTML 10Page - Monolithic Power Systems MP2452 Datasheet HTML 11Page - Monolithic Power Systems MP2452 Datasheet HTML 12Page - Monolithic Power Systems MP2452 Datasheet HTML 13Page - Monolithic Power Systems MP2452 Datasheet HTML 14Page - Monolithic Power Systems MP2452 Datasheet HTML 15Page - Monolithic Power Systems MP2452 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MP2452―1A, 36V, 1MHz, STEP-DOWN CONVERTER
MP2452 Rev. 1.0
www.MonolithicPower.com
15
9/27/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
PCB LAYOUT
PCB layout is very important to achieve stable
operation. It is highly recommended to duplicate
EVB layout for optimum performance.
If change is necessary, please follow these
guidelines and take figure 5 for reference.
1)
Keep the path of switching current short and
minimize the loop area formed by Input cap,
high-side MOSFET and external switching
diode.
2)
Bypass ceramic capacitors are suggested to
be put close to the Vin Pin.
3) Ensure all feedback connections are short
and direct. Place the feedback resistors and
compensation components as close to the
chip as possible.
4) Route SW away from sensitive analog areas
such as FB.
5) Connect IN, SW, and especially GND
respectively to a large copper area to cool
the chip to improve thermal performance and
long-term reliability.
MP2452
SW
VIN
EN
FB
GND
BST
NC
NC
2
18
6
4
3
7
5
C3
R3
R4
C1
C4
L1
D1
VIN
EN
VOUT
o
o
o
MP2452 Typical Application Circuit
7
8
1
2
3
4
10
9
N/C
N/C
SW
EN
VIN
GND
BST
FB
C4
C2
C1
D1
R3
R4
R2
L1
GND
Vo
SW
Vin
GND
Top Layer
Bottom Layer
Figure 5—Typical Application Circuit and PCB Layout Guide (Double Layers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com