Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2489 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP2489
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP2489 Datasheet HTML 1Page - Monolithic Power Systems MP2489 Datasheet HTML 2Page - Monolithic Power Systems MP2489 Datasheet HTML 3Page - Monolithic Power Systems MP2489 Datasheet HTML 4Page - Monolithic Power Systems MP2489 Datasheet HTML 5Page - Monolithic Power Systems MP2489 Datasheet HTML 6Page - Monolithic Power Systems MP2489 Datasheet HTML 7Page - Monolithic Power Systems MP2489 Datasheet HTML 8Page - Monolithic Power Systems MP2489 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
4
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
TSOT23-5
Pin#
QFN6
Pin#
SOIC8
Pin#
Name
Description
1
1
1
SW
The Drain of Internal MOSFET. Connecting the common terminal of
inductor and anode of Schottky to this pin.
2
2, 5
2,3,6,7
GND
Ground.
3
3
4
EN/DIM
Enable/Dimming Command Input. To use PWM dimming, apply a square
wave signal to this pin. To use Analog dimming, apply a 0.3V–2.5V DC
voltage to this pin. The voltage from 0.3V to 2.5V linearly controls the
LED current range from 25% to 200%. Turn off the output current when
pulling this pin below 0.2V. Connect a 1nF–10nF capacitor for normal
operation (VEN/DIM=1.28V).
4
4
5
RS
LED Current Sense Input. Connecting the current sensing resistor that
programs the LED average current to IN pin.
5
6
8
IN
Input Supply Pin. Connecting a proper decoupling capacitor from IN pin
to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com