Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP2489 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP2489
Description  Step Down White LED Driver with Wide 6V.60V Input Voltage
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2489 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP2489 Datasheet HTML 1Page - Monolithic Power Systems MP2489 Datasheet HTML 2Page - Monolithic Power Systems MP2489 Datasheet HTML 3Page - Monolithic Power Systems MP2489 Datasheet HTML 4Page - Monolithic Power Systems MP2489 Datasheet HTML 5Page - Monolithic Power Systems MP2489 Datasheet HTML 6Page - Monolithic Power Systems MP2489 Datasheet HTML 7Page - Monolithic Power Systems MP2489 Datasheet HTML 8Page - Monolithic Power Systems MP2489 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP2489 – STEP DOWN WLED DRIVER WITH WIDE 6V–60V INPUT VOLTAGE
MP2489 Rev. 1.23
www.MonolithicPower.com
5
10/11/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VIN=30V, 3 LEDS in series, IOUT=550mA, unless otherwise noted.
INPUT VOLTAGE (V)
Efficiency vs.
Input Voltage
70
75
80
85
90
95
100
10
20
30
40
50
60
Analog Dimming Curve
0
0.2
0.4
0.6
0.8
1
1.2
0
0.5
1
1.5
2
2.5
3
ANALOG DIM (V)
ILED vs. Rset
0
0.2
0.4
0.6
0.8
1
1.2
0.1
0.3
0.5
0.7
0.9
1.1
VSW
10V/div.
ILED
200mA/div.
Steady State
Vsw
20V/div.
VIN
20V/div.
ILED
500mA/div.
Vin Startup
VSW
20V/div.
VEN
1V/div.
EN Signal
2V/div.
ILED
500mA/div.
Ven Startup
VSW
20V/div.
PWM Signal
2V/div.
ILED
500mA/div.
PWM Dimming
fPWM = 200Hz, DPWM= 50%
VSW
20V/div.
VLED+
10V/div.
ILED
200mA/div.
Open LED Protection
Open LEDs at working
VSW
20V/div.
VLED-
10V/div.
ILED
200mA/div.
Short LED Protection
Short LEDs at working



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com