Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3351DQ Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3351DQ
Description  60V, 2A Integrated Photo Flash Charger With IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3351DQ Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3351DQ Datasheet HTML 1Page - Monolithic Power Systems MP3351DQ Datasheet HTML 2Page - Monolithic Power Systems MP3351DQ Datasheet HTML 3Page - Monolithic Power Systems MP3351DQ Datasheet HTML 4Page - Monolithic Power Systems MP3351DQ Datasheet HTML 5Page - Monolithic Power Systems MP3351DQ Datasheet HTML 6Page - Monolithic Power Systems MP3351DQ Datasheet HTML 7Page - Monolithic Power Systems MP3351DQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP3351 – 60V, 2A INTEGRATED PHOTO FLASH CHARGER WITH IGBT DRIVER
MP3351 Rev. 0.91
www.MonolithicPower.com
3
9/2/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
(VIN=V (CHARGE)=3.3V, TA = +25°C, unless otherwise noted.)
Parameter
Conditions
Min
Typ
Max
Unit
RDYB Leakage Current
V(RDYB)=3.3V
1
µA
RDYB Output Low Voltage
ISINK= 2mA
0.2
V
MAX TON
Maximum TON time
50
80
120
µs
Thermal Shutdown
Rising edge, Hysteresis = 15
oC
150
oC
IGBT Driver
IGBTOUT pull-up ON resistance
4
IGBTOUT pull-down ON
resistance
4
IGBTIN Input High Voltage
2.4
V
IGBTIN Input Low Voltage
0.6
V
Propagation delay
IGBTIN rising/falling edge to
IGBTOUT rising/falling edge,
CGATE=6500pF
45
ns
IGBTOUT rise time
CGATE=6500pF
60
ns
IGBTOUT fall time
CGATE=6500pF
70
ns
Pull down resistance of IGBTIN
100K
PIN FUNCTIONS
Pin#
Name
Description
1
ISET
Peak Current Set Input. The peak current is 5 X10
4 the current flow out of this pin.
2, 4
GND
Analog Ground. Tie it directly to local ground plane.
3, 6
VIN
Input Supply Pin. Connect it to system supply voltage. Bypass VIN to GND with a
0.1uF or greater ceramic capacitor.
5
IGBTOUT
Output Drive for IGBT Gate. Connect this pin to the gate of the IGBT.
7, 8
PGND,
Exposed Pad
Power Ground. Ground connection for the power switch. Connect Exposed Pad to
PGND.
9
CHARGE
Charge Enable Pin. A low to high transition on this pin puts the part into power
delivery mode. Once the target voltage is reached, the part will stop charging the
output. Toggle this pin will start charging again. Bring this pin low will terminate the
power delivery and put the part in shutdown.
12, 13
SW
Switch Pin. This is the drain of the internal power switch.
14
IGBTIN
Logic Input Pin for IGBT Drive.
15
RDYB
Open-Drain Power-Ready Output. RDYB becomes low when the output voltage is
reached.
16
FB
Feedback Pin. Its trip voltage is 1.2V.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com