Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP3351DQ Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3351DQ
Description  60V, 2A Integrated Photo Flash Charger With IGBT Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3351DQ Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3351DQ Datasheet HTML 1Page - Monolithic Power Systems MP3351DQ Datasheet HTML 2Page - Monolithic Power Systems MP3351DQ Datasheet HTML 3Page - Monolithic Power Systems MP3351DQ Datasheet HTML 4Page - Monolithic Power Systems MP3351DQ Datasheet HTML 5Page - Monolithic Power Systems MP3351DQ Datasheet HTML 6Page - Monolithic Power Systems MP3351DQ Datasheet HTML 7Page - Monolithic Power Systems MP3351DQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP3351
60V, 2A Integrated Photo Flash Charger
With IGBT Driver
MP3351 Rev. 0.91
www.MonolithicPower.com
1
9/2/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3351 is a fast, highly efficient, precision
high voltage photo-flash charger with integrated
IGBT driver for xenon flash applications. The
programmable peak current from 300mA to 2A.
A 200mΩ internal power switch minimizes the
conduction loss. 60V maximum output voltage
lowers the transformer turns ratio and improves
switching loss associated with the primary
leakage inductance. External feedback provides
3% charge accuracy.
The MP3351 is available in a 16-pin 3mm x
3mm QFN package
FEATURES
• Integrated 60V, 200mΩ Power Switch
• Operates from a Single or Duel-Cell Li+ Battery
• 2A peak current w/resistor program
• 3% Charge Accuracy
• Integrated IGBT Driver
APPLICATIONS
• Digital Still Cameras
• Optical Film Cameras
• Mobile Phones With Camera
• PDAs With Camera
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
3-6V
RDYB
GND
PGND
FB
CHARGE
SW
ISET
3, 6
15
14
10, 11
5
1
12, 13
7, 8
2, 4
16
9
VBATT
1.3V-9V
T1
IGBTIN
IGBTOUT
N/C
VIN
+
-
VOUT
IGBT
MP3351
Single or Dual Cell Battery


Similar Part No. - MP3351DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3351DQ MPS-MP3351DQ Datasheet
265Kb / 6P
Integrated Photo Flash Charger IGBT Driver EV Board
More results

Similar Description - MP3351DQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3352 MPS-MP3352 Datasheet
440Kb / 9P
60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com