Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7745 Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP7745
Description  2 x 20W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7745 Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP7745 Datasheet HTML 1Page - Monolithic Power Systems MP7745 Datasheet HTML 2Page - Monolithic Power Systems MP7745 Datasheet HTML 3Page - Monolithic Power Systems MP7745 Datasheet HTML 4Page - Monolithic Power Systems MP7745 Datasheet HTML 5Page - Monolithic Power Systems MP7745 Datasheet HTML 6Page - Monolithic Power Systems MP7745 Datasheet HTML 7Page - Monolithic Power Systems MP7745 Datasheet HTML 8Page - Monolithic Power Systems MP7745 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP7745 – 2 x20 W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7745 Rev. 0.9
www.MonolithicPower.com
2
5/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Temperature
MP7745DF
TSSOP20F
MP7745DF
–40
°C to +85°C
*For Tape & Reel, add suffix –Z (e.g. MP7745DF–Z). For Lead Free, add suffix –LF (e.g. MP7745DF–LF–Z)
PACKAGE REFERENCE
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
ABSOLUTE MAXIMUM RATINGS (1)
Supply Voltage VDD ...................................... 32V
BS Voltage.................. VSW – 0.3V to VSW + 6.5V
Enable Voltage VEN........................–0.3V to +6V
VSW...................–1V (-5V for <10nS) to VDD + 1V
VPIN, VNIN ................................... –1V to VDD + 1V
AGND to PGND ..........................–0.3V to +0.3V
Continuous Power Dissipation (TA = +25°C)
(2)
……………………………………………....3.1W
Junction Temperature............................... 150°C
Lead Temperature ....................................260
°C
Storage Temperature.............. –65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VDD ..........................9.5V to 26V
Operating Temperature TA........ –40°C to +85°C
Thermal Resistance
(4)
θJA
θJC
TSSOP20F ............................. 40 ....... 6.........
°C
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD5 1-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com