Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP7745 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7745
Description  2 x 20W Class D Stereo Single Ended Audio Amplifer
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7745 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7745 Datasheet HTML 1Page - Monolithic Power Systems MP7745 Datasheet HTML 2Page - Monolithic Power Systems MP7745 Datasheet HTML 3Page - Monolithic Power Systems MP7745 Datasheet HTML 4Page - Monolithic Power Systems MP7745 Datasheet HTML 5Page - Monolithic Power Systems MP7745 Datasheet HTML 6Page - Monolithic Power Systems MP7745 Datasheet HTML 7Page - Monolithic Power Systems MP7745 Datasheet HTML 8Page - Monolithic Power Systems MP7745 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
MP7745 – 2 x20 W CLASS D STEREO SINGLE ENDED AUDIO AMPLIFIER
MP7745 Rev. 0.9
www.MonolithicPower.com
5
5/11/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1, 11, 16
NC
No Connect. Not internally connected
2
REF1
Amplifier 1 Reference. REF1 is the reference point for amplifier 1. Use a resistive voltage
divider to set the voltage at REF1 to VDD/2.
3
IN1
Amplifier 1 Input. IN1 is the inverting input for amplifier 1.
4, 5
AGND1
Analog Ground 1. Connect AGND1 to AGND2.
6
EN1
Enable Input 1. EN1 must be connected to EN2. Drive EN1 high to enable MP7745; low to
disable it.
7
IN2
Amplifier 2 Input. IN2 is the inverting input for amplifier 2.
8
REF2
Amplifier 2 Reference. REF2 is the reference point for amplifier 2. Use a resistive voltage
divider to set the voltage at REF2 to VDD/2.
9
AGND2
Analog Ground 2. Connect AGND2 to AGND1.
10
EN2
Enable Input 2. EN2 must be connected to EN1. Drive high to enable MP7745, drive low to
disable.
12
BS2
High-Side MOSFET Bootstrap Input for Amplifier 2. A capacitor from BS2 to SW2 supplies the
gate drive current to the internal high-side MOSFET. Connect a 0.1µF~1µF capacitor from
SW2 to BS2.
13
VDD2
Power Supply Input. Bypass VDD2 to PGND2 with a 1µF X7R capacitor (in addition to the
main bulk capacitor), placed close to the IC PIN13 and PIN15.
14
SW2
Switched Power Output. SW2 is the output of Amplifier 2. Connect the LC filter to this pin.
15
PGND2
Power Ground for Amplifier 2. Connect PGND2 to PGND1.
17
BS1
High-Side MOSFET Bootstrap Input for Amplifier 1. A capacitor from BS1 to SW1
supplies the gate drive current to the internal high-side MOSFET. Connect a
0.1µF~1µF capacitor from SW1 to BS1. See Figure 1.
18
VDD1
Power Supply Input. Bypass VDD1 to PGND1 with a 1µF X7R capacitor (in addition to
the main bulk capacitor), placed close to the IC PIN18 and PIN20.
19
SW1
Switched Power Output. SW1 is the output of Amplifier 1. Connect the LC filter to this
pin. See Figure 1.
20
PGND1
Power Ground for Amplifier 1. Connect PGND1 to PGND2. See Figure 1.
Exposed
Pad
Connect exposed pad to GND plane for proper thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com