Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8903 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP8903
Description  Low Dropout 150mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8903 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP8903 Datasheet HTML 2Page - Monolithic Power Systems MP8903 Datasheet HTML 3Page - Monolithic Power Systems MP8903 Datasheet HTML 4Page - Monolithic Power Systems MP8903 Datasheet HTML 5Page - Monolithic Power Systems MP8903 Datasheet HTML 6Page - Monolithic Power Systems MP8903 Datasheet HTML 7Page - Monolithic Power Systems MP8903 Datasheet HTML 8Page - Monolithic Power Systems MP8903 Datasheet HTML 9Page - Monolithic Power Systems MP8903 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP8903 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8903 Rev. 1.11
www.MonolithicPower.com
6
4/4/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The fixed output voltage of the MP8903 is set to
2.5V, 2.85V or 3.3V, depending on the internal
resistor divider (Figure 1). You can also adjust
the output voltage by using an external resistor
divider (R1 and R2 in Figure 2). However, the
sum of R1 and R2 should not exceed 100kΩ in
order to minimize the impact of the internal
resistor divider. For an accurate output-voltage
setting, use 10kΩ (
±1%) for the low-side
resistor R2 of the voltage divider, while the
high-side resistor R1 can be determined by the
equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
×
=
FB
FB
OUT
V
V
V
2
R
1
R
Where VFB is the OUT feedback threshold
voltage equal to 1.222V.
Example: For 2.5V Output
Ω
=
⎟
⎠
⎞
⎜
⎝
⎛
Ω
−
=
k
41
.
10
k
10
V
222
.
1
V
222
.
1
V
5
.
2
1
R
You can select a standard 10.5kΩ (
±1%)
resistor for R1.
The following table lists the selected R1 values
for some typical output voltages:
Table 1—Adjustable Output Voltage R1 Values
VOUT (V)
R1 (Ω)
R2 (Ω)
1.25
232
10k
1.5
2.26k
1.8
4.75k
2
6.34k
2.5
10.5k
2.8
13k
3
14.7k
3.3
16.9k
4
22.6k
5
30.9k
In Figures 3 and 4, C2 is added for an improved
transient response.
Input Capacitor Selection
For proper operation, place a ceramic capacitor
(C1) between 1µF and 10µF of dielectric type
X5R or X7R between the input pin and ground.
Larger values in this range will help improve
line transient response at the drawback of
increased size.
Output Capacitor Selection
For stable operation, use a ceramic capacitor
(C3) of type X5R or X7R between 1µF and
10µF. Larger values in this range will help
improve load transient response and reduce
noise with the drawback of increased size.
Output capacitors of other dielectric types may
be used, but are not recommended as their
capacitance can deviate greatly from their rated
value over temperature.
To improve load transient response, add a
small ceramic (X5R, X7R or Y5V dielectric)
100nF feed forward capacitor in parallel with
R1. The feed forward capacitor is not required
for stable operation.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com