Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

MP8903 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8903
Description  Low Dropout 150mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8903 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8903 Datasheet HTML 1Page - Monolithic Power Systems MP8903 Datasheet HTML 2Page - Monolithic Power Systems MP8903 Datasheet HTML 3Page - Monolithic Power Systems MP8903 Datasheet HTML 4Page - Monolithic Power Systems MP8903 Datasheet HTML 5Page - Monolithic Power Systems MP8903 Datasheet HTML 6Page - Monolithic Power Systems MP8903 Datasheet HTML 7Page - Monolithic Power Systems MP8903 Datasheet HTML 8Page - Monolithic Power Systems MP8903 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP8903
Low Dropout
150mA Linear Regulator
MP8903 Rev. 1.11
www.MonolithicPower.com
1
4/4/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8903 is a 150mA low-dropout linear
regulator that can operate from 2.7V to 6.5V
input. It regulates the output with 2% accuracy
and comes with preset 2.5V, 2.85V or 3.3V
output. An external resistor divider may be used
to adjust the output voltage from 1.25V to 5V.
The MP8903 has thermal protection to guard
against harsh operating conditions, and is
available in small QFN8 (2x2mm) and 5-pin
TSOT23 packages.
FEATURES
• 2.7V to 6.5V Input Voltage Range
• Fixed Output Voltage Options of 2.5V,
2.85V or 3.3V
• Adjustable Output Voltage from 1.25V to 5V
using an External Resistor Divider
• Low 100mV Dropout at 100mA Output
• 2% Accurate Output Voltage
• Stable With Low-ESR Output Capacitors
• Thermal Protection
• Available in Tiny QFN8 (2x2mm) and
TSOT23-5 Packages
APPLICATIONS
• 802.11 PC Cards
• Mobile Handset PLL Power
• Audio Codec Power
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP8903DX-X.X
FB
OUT
GND
EN
IN
OUTPUT
1.25V to 5V
VIN
2.7V to 6.5V
VIN
EN (Pin3)
may be connected
to IN (Pin 1) directly
The sum of
R1 and R2
should not
exceed 100k
R1
R2
160
140
120
100
80
60
40
20
0
0
20 40 60 80 100 120 140 160
ILOAD (mA)
VDROPOUT vs ILOAD


Similar Part No. - MP8903

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8902 MPS-MP8902 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
MP8902DG-2.5 MPS-MP8902DG-2.5 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
MP8902DG-3.3 MPS-MP8902DG-3.3 Datasheet
573Kb / 9P
Low Dropout 250mA Linear Regulator
MP8904 MPS-MP8904 Datasheet
300Kb / 10P
500mA Linear Regulator
MP8904 MPS-MP8904 Datasheet
226Kb / 4P
500mA Low-Current LDO Linear Regulator EV Board
More results

Similar Description - MP8903

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
Low Noise Low Dropout, 150mA Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801 Datasheet
287Kb / 7P
Low Dropout 150mA Linear Regulator
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
Low Dropout 150mA Linear Regulator
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
150mA Low-Noise Low-Dropout Linear Regulator
logo
Union Semiconductor, In...
UM3730 UNIONSEMI-UM3730 Datasheet
542Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
UM3730 UNIONSEMI-UM3730_15 Datasheet
546Kb / 11P
150mA, Micropower, Low Dropout Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
150mA Low Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
150mA, Low Noise, Low Dropout Linear Regulator
logo
Diodes Incorporated
AP7201 DIODES-AP7201 Datasheet
630Kb / 13P
DUAL 150mA LOW DROPOUT LINEAR REGULATOR
Rev 13.2.2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com