Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C971 Datasheet(PDF) 1 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 1 Page - Advanced Micro Devices

  AM79C971 Datasheet HTML 1Page - Advanced Micro Devices AM79C971 Datasheet HTML 2Page - Advanced Micro Devices AM79C971 Datasheet HTML 3Page - Advanced Micro Devices AM79C971 Datasheet HTML 4Page - Advanced Micro Devices AM79C971 Datasheet HTML 5Page - Advanced Micro Devices AM79C971 Datasheet HTML 6Page - Advanced Micro Devices AM79C971 Datasheet HTML 7Page - Advanced Micro Devices AM79C971 Datasheet HTML 8Page - Advanced Micro Devices AM79C971 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 265 page
background image
Publication# 20550
Rev: E Amendment: /0
Issue Date: May 2000
Am79C971
PCnet™-FAST
Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
DISTINCTIVE CHARACTERISTICS
s Single-chip Fast Ethernet controller for the
Peripheral Component Interconnect (PCI) local
bus
— 32-bit glueless PCI host interface
— Supports PCI clock frequency from DC to
33 MHz independent of network clock
— Supports network operation with PCI clock
from 15 MHz to 33 MHz
— High performance bus mastering
architecture with integrated Direct Memory
Access (DMA) Buffer Management Unit for
low CPU and bus utilization
— PCI specification revision 2.1 compliant
— Supports PCI Subsystem/Subvendor ID/
Vendor ID programming through the
EEPROM interface
— Supports both PCI 5.0-V and 3.3-V signaling
environments
— Plug and Play compatible
— Supports an unlimited PCI burst length
— Big endian and little endian byte alignments
supported
s Integrated 10BASE-T and 10BASE-2/5 (AUI)
Physical Layer Interface
— Single-chip IEEE/ANSI 802.3, IEC/ISO 8802-3
and Blue Book Ethernet-compliant solution
— Automatic Twisted-Pair receive polarity
detection and correction
— Internal 10BASE-T transceiver with Smart
Squelch to Twisted-Pair medium
— IEEE 802.3-compliant auto-negotiable
10BASE-T interface
s Supports General Purpose Serial Interface
(GPSI)
s Media Independent Interface (MII) for
connecting external 10- or 100-Megabit per
second (Mbps) transceivers
— IEEE 802.3-compliant MII
— Intelligent Auto-Poll™ external PHY status
monitor and interrupt
— Includes intelligent on-chip Network Port
Manager that provides auto-port selection
between MII, on-chip 10BASE-T port, and AUI
without software support
— Supports both auto-negotiable and non
auto-negotiable external PHYs
— Supports 10BASE-T, 100BASE-TX/FX,
100BASE-T4, and 100BASE-T2 IEEE 802.3-
compliant MII PHYs at full- or half-duplex
s Internal/external loopback capabilities on all
ports
s Supports patented External Address Detection
Interface (EADI)
— Receive frame tagging support for inter-
networking applications
s Dual-speed CSMA/CD (10 Mbps and 100 Mbps)
Media Access Controller (MAC) compliant with
IEEE/ANSI 802.3 and Blue Book Ethernet
standards
s Full-duplex operation supported in AUI,
10BASE-T, MII, and GPSI ports with
independent Transmit (TX) and Receive (RX)
channels
s Flexible buffer architecture
— Large independent internal TX and RX FIFOs
— SRAM-based FIFO buffer extension
supporting up to 128 kilobytes (Kbytes)
— 1/2 Gigabit per second (Gbps) internal data
bandwidth
— Programmable FIFO watermarks for both TX
and RX operations
— RX frame queuing for high latency PCI bus
host operation
— Programmable allocation of buffer space
between RX and TX queues
s EEPROM interface supports jumperless design
and provides through-chip programming
— Supports full programmability of half-/full-
duplex operation for external 100 Mbps PHYs
through EEPROM mapping
s Extensive LED status support


Similar Part No. - AM79C971

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
AM79C971 PULSE-AM79C971 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results

Similar Description - AM79C971

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A Datasheet
1Mb / 85P
PCnet ??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
AM79C970A AMD-AM79C970A Datasheet
1Mb / 219P
PCnet-PCI II Single-Chip Full-Duplex Ethernet Controller for PCI Local Bus Product
AM79C972 AMD-AM79C972 Datasheet
1Mb / 130P
PCnet??FAST Enhanced 10/100 Mbps PCI Ethernet Controller with OnNow Support
AM79C973 AMD-AM79C973 Datasheet
2Mb / 304P
PCnet??FAST III Single-Chip 10/100 Mbps PCI Ethernet Controller with Integrated PHY
AM79C976 AMD-AM79C976 Datasheet
2Mb / 309P
PCnet-PRO??10/100 Mbps PCI Ethernet Controller
AM79C970 AMD-AM79C970 Datasheet
943Kb / 168P
PCnetTM-PCI Single-Chip Ethernet Controller for PCI Local Bus
logo
SMSC Corporation
LAN91C96 SMSC-LAN91C96 Datasheet
775Kb / 125P
Non-PCI Single-Chip Full Duplex Ethernet Controller with Magic Packet
LAN91C96I SMSC-LAN91C96I_07 Datasheet
547Kb / 109P
Non-PCI Single-Chip Full Duplex Ethernet Controller
logo
Advanced Micro Devices
AM79C961A AMD-AM79C961A_00 Datasheet
2Mb / 206P
PCnet??ISA II Jumperless, Full Duplex Single-Chip Ethernet Controller for ISA
logo
List of Unclassifed Man...
21140 ETC-21140 Datasheet
1Mb / 43P
Otffers a single-chip Fast Bthernet controller for PCI local bus
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com