Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AM79C971 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM79C971
Description  PCnet??FAST Single-Chip Full-Duplex 10/100 Mbps Ethernet Controller for PCI Local Bus
PDF  265 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM79C971 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM79C971 Datasheet HTML 1Page - Advanced Micro Devices AM79C971 Datasheet HTML 2Page - Advanced Micro Devices AM79C971 Datasheet HTML 3Page - Advanced Micro Devices AM79C971 Datasheet HTML 4Page - Advanced Micro Devices AM79C971 Datasheet HTML 5Page - Advanced Micro Devices AM79C971 Datasheet HTML 6Page - Advanced Micro Devices AM79C971 Datasheet HTML 7Page - Advanced Micro Devices AM79C971 Datasheet HTML 8Page - Advanced Micro Devices AM79C971 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 265 page
background image
2
Am79C971
s Supports up to 1 Megabyte (Mbyte) optional
Boot PROM and Flash for diskless node
application
s Look-Ahead Packet Processing (LAPP) data
handling technique reduces system overhead
by allowing protocol analysis to begin before
the end of a receive frame
s Includes Programmable Inter Packet Gap (IPG)
to address less network aggressive MAC
controllers
s Offers the Modified Back-Off algorithm to
address the Ethernet Capture Effect
s IEEE 1149.1-compliant JTAG Boundary Scan
test access port interface and NAND tree test
mode for board-level production connectivity
test
s Implements low-power management for critical
battery powered application and green PCs
— Includes two power-saving sleep modes
(sleep and snooze)
— Integrated Magic Packet™ technology
support for remote power of networked PCs
s Software compatible with AMD PCnet Family
and LANCE/C-LANCE register and descriptor
architecture
s Compatible with the existing PCnet Family
driver/diagnostic software
s Available in 160-pin TQFP and 176-pin TQFP
packages
GENERAL DESCRIPTION
The Am79C971 controller is a single-chip 32-bit full-du-
plex, 10/100-Megabit per second (Mbps) highly-
integrated Ethernet system solution, designed to
address high-performance system application require-
ments. It is a flexible bus mastering device that can be
used in any application, including network-ready PCs
and bridge/router designs. The bus master architecture
provides high data throughput in the system and low
CPU and system bus utilization. The Am79C971 con-
troller is fabricated with AMD’s advanced low-power
Complementary Metal Oxide Semiconductor (CMOS)
process to provide low operating and standby current
for power sensitive applications.
The Am79C971 controller is a complete Ethernet node
integrated into a single VLSI device. It contains a bus
interface unit, a Direct Memory Access (DMA) Buffer
Management Unit, an ISO/IEC 8802-3 (IEEE 802.3)-
compliant Media Access Controller (MAC), a large
Transmit FIFO and a large Receive FIFO, SRAM-
based FIFO extension with support for up to 128K
bytes of external frame buffering, an IEEE 802.3u-com-
pliant MII, an IEEE 802.3-compliant Twisted-Pair Trans-
ceiver Media Attachment Unit (10BASE-T MAU), and
an IEEE 802.3-compliant Attachment Unit Interface
(AUI). Both proprietary full-duplex and IEEE 802.3
compliant half-duplex operation are supported on the
MII, AUI, GPSI, and 10BASE-T MAU interfaces. 10-
Mbps operation is supported through the MII, AUI, and
10BASE-T MAU interfaces, and 100 Mbps operation is
supported through the MII. The 10BASE-T MAU inter-
face includes an IEEE 802.3-compliant auto-negotia-
tion implementation, which will automatically negotiate
between half- and full-duplex with another IEEE 802.3-
compliant auto-negotiation 10BASE-T device.
The Am79C971 controller is register compatible with
the LANCE (Am7990) Ethernet controller, the C-
LANCE (Am79C90) Ethernet controller, and all Ether-
net controllers in the PCnet Family except ILACC
(Am79C900), including the PCnet-ISA controller
(Am79C960),PCnet-ISA+ controller (Am79C961),
PCnet-ISA II controller (Am79C961A), PCnet-32 con-
t r o ller ( A m7 9C9 65) , PCn e t- PC I co ntr o ll er
( A m79 C 97 0) , and PCne t- PCI I I co ntr o ll er
(Am79C970A). The Buffer Management Unit supports
the LANCE and PCnet descriptor software models.
The 32-bit multiplexed bus interface unit provides a
direct interface to the PCI local bus, simplifying the
design of an Ethernet node in a PC system. The
Am79C971 controller provides the complete interface
to an Expansion ROM or Flash device allowing add-on
card designs with only a single load per PCI bus inter-
face pin. With its built-in support for both little and big
endian byte alignment, this controller also addresses
non-PC applications. The Am79C971 controller’s ad-
vanced CMOS design allows the bus interface to be
connected to either a +5-V or a +3.3-V signaling envi-
ronment. A compliant IEEE 1149.1 JTAG test interface
for board-level testing is also provided, as well as a
NAND tree test structure for those systems that cannot
support the JTAG interface.
The Am79C971 controller supports auto-configuration
in the PCI configuration space. Additional Am79C971
controller configuration parameters, including the
unique IEEE physical address, can be read from an ex-
ternal non-volatile memory (EEPROM) immediately fol-
lowing system reset.
The integrated Manchester encoder/decoder (MEN-
DEC) eliminates the need for an external Serial Inter-
face Adapter (SIA) in the system. The built-in GPSI
allows the MENDEC to be bypassed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com