| Electronic Components Datasheet Search |
|
PSD813F2 Datasheet(PDF) 53 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 Datasheet(HTML) 53 Page - STMicroelectronics |
|
53 / 128 page ![]() PSD8XXFX PLDS Doc ID 7833 Rev 7 53/128 14.4 Output macrocell (OMC) Eight of the Output macrocells (OMC) are connected to ports A and B pins and are named as McellAB0-McellAB7. The other eight macrocells are connected to ports B and C pins and are named as McellBC0-McellBC7. If an McellAB output is not assigned to a specific pin in PSDabel, the macrocell Allocator block assigns it to either port A or B. The same is true for a McellBC output on port B or C. Table 16 shows the macrocells and port assignment. The Output macrocell (OMC) architecture is shown in Figure 15. As shown in the figure, there are native product terms available from the AND Array, and borrowed product terms available (if unused) from other Output macrocells (OMC). The polarity of the product term is controlled by the XOR gate. The Output macrocell (OMC) can implement either sequential logic, using the flip-flop element, or combinatorial logic. The multiplexer selects between the sequential or combinatorial logic outputs. The multiplexer output can drive a port pin and has a feedback path to the AND Array inputs. The flip-flop in the Output macrocell (OMC) block can be configured as a D, T, JK, or SR type in the PSDabel program. The flip-flop’s clock, preset, and clear inputs may be driven from a product term of the AND Array. Alternatively, CLKIN (PD1) can be used for the clock input to the flip-flop. The flip-flop is clocked on the rising edge of CLKIN (PD1). The preset and clear are active high inputs. Each clear input can use up to two product terms. Table 16. Output macrocell port and data bit assignments Output macrocell Port assignment Native product terms Maximum borrowed product terms Data bit for loading or reading McellAB0 Port A0, B0 3 6 D0 McellAB1 Port A1, B1 3 6 D1 McellAB2 Port A2, B2 3 6 D2 McellAB3 Port A3, B3 3 6 D3 McellAB4 Port A4, B4 3 6 D4 McellAB5 Port A5, B5 3 6 D5 McellAB6 Port A6, B6 3 6 D6 McellAB7 Port A7, B7 3 6 D7 McellBC0 Port B0, C0 4 5 D0 McellBC1 Port B1, C1 4 5 D1 McellBC2 Port B2, C2 4 5 D2 McellBC3 Port B3, C3 4 5 D3 McellBC4 Port B4, C4 4 6 D4 McellBC5 Port B5, C5 4 6 D5 McellBC6 Port B6, C6 4 6 D6 McellBC7 Port B7, C7 4 6 D7 Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |