| Electronic Components Datasheet Search |
|
PSD813F2 Datasheet(PDF) 80 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
PSD813F2 Datasheet(HTML) 80 Page - STMicroelectronics |
|
80 / 128 page ![]() Power management PSD8XXFX 80/128 Doc ID 7833 Rev 7 17.1 Automatic Power-down (APD) Unit and Power-down mode The APD Unit, shown in Figure 31, puts the PSD into Power-down mode by monitoring the activity of Address Strobe (ALE/AS, PD0). If the APD Unit is enabled, as soon as activity on Address Strobe (ALE/AS, PD0) stops, a four bit counter starts counting. If Address Strobe (ALE/AS, PD0) remains inactive for fifteen clock periods of CLKIN (PD1), Power-down (PDN) goes high, and the PSD enters Power-down mode, as discussed next. Power-down mode By default, if you enable the APD Unit, Power-down mode is automatically enabled. The device enters Power-down mode if Address Strobe (ALE/AS, PD0) remains inactive for fifteen periods of CLKIN (PD1). The following should be kept in mind when the PSD is in Power-down mode: ● If Address Strobe (ALE/AS, PD0) starts pulsing again, the PSD returns to normal operating mode. The PSD also returns to normal operating mode if either PSD Chip Select input (CSI, PD2) is low or the Reset (RESET) input is high. ● The MCU address/data bus is blocked from all memory and PLDs. ● Various signals can be blocked (prior to Power-down mode) from entering the PLDs by setting the appropriate bits in the PMMR registers. The blocked signals include MCU control signals and the common CLKIN (PD1). Note that blocking CLKIN (PD1) from the PLDs does not block CLKIN (PD1) from the APD Unit. ● All PSD memories enter Standby mode and are drawing standby current. However, the PLD and I/O ports blocks do not go into Standby mode because you don’t want to have to wait for the logic and I/O to “wake up” before their outputs can change. See Table 29 for Power-down mode effects on PSD ports. ● Typical standby current is of the order of microamperes. These standby current values assume that there are no transitions on any PLD input. Table 29. Power-down mode’s effect on ports Port function Pin level MCU I/O No change PLD Out No change Address Out Undefined Data port Tri-state Peripheral I/O Tri-state Obsolete Product(s) - Obsolete Product(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |