Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS6507R Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS6507R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6507R Datasheet(HTML) 7 Page - LSI Computer Systems

Back Button LS6507R Datasheet HTML 3Page - LSI Computer Systems LS6507R Datasheet HTML 4Page - LSI Computer Systems LS6507R Datasheet HTML 5Page - LSI Computer Systems LS6507R Datasheet HTML 6Page - LSI Computer Systems LS6507R Datasheet HTML 7Page - LSI Computer Systems LS6507R Datasheet HTML 8Page - LSI Computer Systems LS6507R Datasheet HTML 9Page - LSI Computer Systems LS6507R Datasheet HTML 10Page - LSI Computer Systems LS6507R Datasheet HTML 11Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
R1 = 12kΩ
R8 = 1kΩ
R2 = 33kΩ
R9 = 910kΩ
R3 = 1.5MΩ
R10 = 7.5kΩ
R4 = 33kΩ
R10 = 3.6kΩ
R5 = 1.5MΩ
R11 = 100Ω
R6 = 36kΩ
R12 = 1.0MΩ
R7 = 270Ω, 1/2W
R13 = 1.0MΩ
R7 = 1kΩ, 1W
R14 = 910kΩ
All Resistors 1/4W, all Capacitors 10V
unless otherwise specified.
C1 = 100µF
C8 = 1000µF, 25V
SW1 = SPST Momentary
C2 = 10µF
C9 = 0.1µF, 25V
SW2 = SPST
C3 = 0.01µF
SW3 = SPST
C4 = 10µF
D1 = 1N4004
C5 = 0.01µF
LDR = Silonex NSL-19M51 (Typical)
C6 = 0.1µF
Z1 = 15V, 1/2W, 5%
C7 = 0.47µF, 250V
T1 = Q4008L4 (Typical)
C7 = 0.33µF, 400V
T1 = Q5004L4 (Typical)
PIR =
Perkin-Elmer LHi 958 or 878 (Typical)
Nicera RE200B, SDA02-54 (Typical)
* = Component change for 220VAC
NOTE: The R9, R10, C9 network provides a 2.7V P-P AC signal input to Pin 5.
FIGURE 3. Typical Triac Wall Switch Application
6506R-101308-7
**
*
*
*
AMP 1
OUT
AMP 1
(
-) IN
AMP 2
(
-) IN
AMP 1
(
+) IN
AMP 2
OUT
5V REG
OUT
VSS
TIME OUT
CONTROL
AC
ON / OFF
N/C
LDR
TRIAC
OUT
LED
OUT
VDD
VDD
VDD
AC MAINS
LOAD
TI
MT2
MT1
R7
R11
C7
Z1
D1
R9
C9
R10
C8
R8
VDD
C4
R4
C5
R5
1
2
3
4
5
6
7
8
9
11
12
13
14
15
16
C2
R2
R6
PIR
SENSOR
R12
R13
R1
LED
R3
C3
LS6507R
C6
G
+
-
+
-
P
R14
LDR
N
MODE
10
VSS
VSS
+
-
+
-
C1
SW1
SW2
SW3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com