Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LS6507R Datasheet(PDF) 10 Page - LSI Computer Systems

Part # LS6507R
Description  PIR SENSOR INTERFACE
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS6507R Datasheet(HTML) 10 Page - LSI Computer Systems

Back Button LS6507R Datasheet HTML 4Page - LSI Computer Systems LS6507R Datasheet HTML 5Page - LSI Computer Systems LS6507R Datasheet HTML 6Page - LSI Computer Systems LS6507R Datasheet HTML 7Page - LSI Computer Systems LS6507R Datasheet HTML 8Page - LSI Computer Systems LS6507R Datasheet HTML 9Page - LSI Computer Systems LS6507R Datasheet HTML 10Page - LSI Computer Systems LS6507R Datasheet HTML 11Page - LSI Computer Systems LS6507R Datasheet HTML 12Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
U1 = CD4049UB/CD4050B
R1, R4 = 51kΩ, 1/4W
R2, R5 = 2MΩ Potentiometer, 1/4W
R3, R6 = 100kΩ, 1/4W
C1, C2 = 0.01uF, 25V
Note: Connect U1 Pins 11 and 14 to Gnd.
Outputs LR1 and LR2 occur on the negative edge of the AC input at Pin 5 of the LS6506R.
Variable resistors R2 and R5 are adjusted so the relay contact closes and opens at the
at the AC zero-crossover at the Load.
FIGURE 6. Zero-Crossing Adjustment
6506R-012608-10
AC
MAINS
LR
D2
D3
C9
R12
LOAD
SW3
P
N
6
10
9
7
4
5
3
2
U1
U1
U1
U1
VDD
VDD
R1
R2
R3
C1
R4
R5
R6
C2
LS6506R
LR2
LR1
VDD
6
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com