Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB-2405 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # USB-2405
Description  4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-2405 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  USB-2405 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2405 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Optional Accessories
■ RST-20P
One pair of 20-pin removable
screw terminals
■ USB-2405
4-CH 24-Bit 128kS/s Dynamic Signal Acquisition
USB 2.0 Module
■ USB-2M-L
2 M USB Type A to USB Mini-B cable
with lockable connector
USB DAQ
Specifications
■ DC accuracy (25°C)
OffsetError(mV)
Gain Error (%)
Typical:±0.15mV
Typical: ±0.15%
Max.±0.3mV
Max. ±0.3%
■ AC Dynamic Performance (typical, 25°C)
• THD,THD+N(Vin=8.9Vpk)
Input
configura-
tion
Input Signal Frequency
(fin)
THD
THD+N
Differential
20 Hz to 20 kHz
-94dB
-91dB
20Hzto46.4kHz
-89dB
-88 dB
Pseudo-
differen-
tial
20 Hz to 20 kHz
-92dB
-88 dB
20Hzto46.4kHz
-85 dB
-85 dB
• CMRR
AC (20 Hz to 1 kHz)
60dB
• Bandwidth
-3dB bandwidth
0.49*samplingrate
AC cut-off frequency (-3dB)
0.4 Hz
AC cut-off frequency (-0.1dB)
2.4 Hz
■ I/O connector: Four BNC connectors and 4-pin
removable spring terminals
■ Operating temperature: 0 to 55°C (32 to 131˚F)
■ Storage temperature:-20 to 70°C (-4 to 158˚F)
■ Power requirements: 5V @ 400mA (USB bus
powered)
■ Dimensions (not including connectors and stand):
115 mm (W) x 150 mm (D) x 40 mm (H) (4.5” x
5.91” x 1.57”)
■ Relative humidity: 5% to 95%, non-condensing
Channels
4 (simultaneous sampling)
ADC Resolution
24 Bit
ADC type
Delta-sigma
Sampling rate
1 kS/s to 128 kS/s
Input range
±10V
FIFO buffer size
2k samples per channel
Input Configura-
tion
Differential or pseudo-differential
Input impedance
200kΩ(betweenpositiveinputand
negative input)
16.93kΩ(Betweennegativeinput
and chassis ground)
Input coupling
AC or DC, software selectable
Integrated
Electronic
Piezoelectric
(IEPE)
Current: 2 mA or 0 mA, software
selectable
IEPEcompliance:24V
Over-voltage
protection
±60V
Input common
mode range
±10V
Trigger source
Analog or digital, software selectable
Trigger mode
Post trigger, delay trigger, middle
trigger,
gated trigger, pre-trigger, post or
delay trigger with re-triggering
Data Transfer
Programmed I/O, continuous (bulk
transfer mode)
Channels
2 programmable function I/O
Compatibility
3.3V/TTL(single-ended)
Initial status
Input (pull low)
Input voltage
Logiclow:VIL=0.8Vmax;
IIL=0.2mAmax.
Logichigh:VIH=2.0Vmin.;
IIH=0.2mAmax.
Output voltage
Logiclow:VOL=0.8Vmax;
IIL=0.2mAmax.
Logichigh:VOH=2.0Vmin.;
IIH=24mAmax.
Over-voltage protec-
tion
-2V~+7V
Supporting modes
•Staticdigitalinput/output
•Pulseoutput,max.frequency:
4 MHz
•Frequency/Eventcounter,max.
frequency: 4MHz
•DigitaltriggerIN
•Synchronizationsampleclock
IN
Data Transfer
Programmed I/O
Analog Input
General Specifications
• Flatness
Input Signal Frequency (fin)
Flatness
20 Hz to 20 kHz
±0.01 dB
20Hzto46.4kHz
±0.15 dB
• Crosstalk
Input Signal Frequency (f
in)
Crosstalk
1 kHz
-102 dB
46.4kHz
-95dB
• System noise
Mode
AI Noise
High-Resolution(<52.734kHz)
50µVrms
High-SpeedMode(52.734kHzto
128 kHz)
65µVrms
• SFDR(Vin=-1dBFS)
Input Signal Frequency (fin)
SFDR
1kHz
104 dB
• DynamicRange(Vin=-60dBFS,fs=102.4kS/s)
Input Signal Frequency (fin)
Dynamic range
1 kHz
100 dB
Note: Function I/O shares the same I/O pins, such that only one of these modes can be selected at a time.
Digital Input / Output
Updated June 25, 2013. ©2013 ADLINK Technology, Inc. All Rights Reserved. All specifications are subject to change without further notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com