Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

USB-2405 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # USB-2405
Description  4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

USB-2405 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  USB-2405 Datasheet HTML 1Page - List of Unclassifed Manufacturers USB-2405 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ready-to-Use ADLINK U-Test Utility
U-Test is a free ready-to-use testing program allowing configuration and test data acquisition
with no programming required. Easy out-of-the-box configuration and generation of simple
functions , including full data monitoring, logging and FFT analysis is easy and fast, with no
programming requirement.
No programming necessary for operation
and full function testing of ADLINK USB
DAQ/DIO
Intuitive interface for data monitoring and
logging, waveform generation, and
digital I/O control panel use as virtual
instrument
Useful analysis functions, such as direct
cursor measurement of traces and
real-time FFT analysis
Data exportable to Microsoft Excel for
offline analysis
Supports auto-recollection of configura-
tion settings for future use
4-CH 24-Bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
USB-2405
Introduction
The USB-2405 is a 24-bit high-performance dynamic signal acquisition USB module equipped with 4 analog
input channels providing simultaneous sampling at up to 128 kS/s per channel. The USB-2405 also features
software-selectable AC or DC coupling input configuration and built-in high precision 2 mA excitation
current to measure integrated electronic piezoelectric (IEPE) sensors such as accelerometers and micro-
phones.
The USB-2405 delivers high precision, DC and dynamic measurement performance with very low tem-
perature drift. The onboard 24-bit Sigma-Delta ADC supports anti-aliasing filtering, suppressing modulator
and signal out-of-band noise and providing usable signal bandwidth of the Nyquist rate, making it ideal for
high dynamic range signal measurement in vibration and acoustic applications.
The USB-2405 supports digital and analog trigger sources and flexible trigger modes, including post, delay,
middle, gated, and pre-triggering for efficient data acquisition with no need for post-processing. The USB-
2405 is USB bus-powered and equipped with BNC connectors and removable spring terminals for easy
device connectivity.
Standard Shipped Accessories
• 4-pin removable spring
terminal
• Module stand
• 2 M USB Type A to USB Mini-B
cable with lockable connector
• Rail-mount kit
■ OS Information
•WindowsXP,Windows7/8x64/x86
■ Software Compatibility
•LabVIEW,MATLAB,VisualStudio.NET
■ Software Recommendations
•U-Test,DAQBench,DAQMaster
■ Ready-to-UseADLINKU-TestUtility
USB-2405
IO connector definition
Features
■ Hi-Speed USB 2.0
■ USB bus powered
■ 24-bit Sigma-Delta ADC with built-in anti-aliasing filter
■ 4-CH simultaneous sampling analog inputs, up to 128kS/s
■ AC or DC input coupling, software selectable
■ Analog or digital triggering
■ Supports 2mA excitation output on each analog input channel
for IEPE sensor measurement
■ Full auto-calibration
■ Ready-to-use testing application (U-Test) provided
AI 3
AI 2
AI 1
AI 0
DGND
GPIO 1
GDND
GPIO 0


Similar Part No. - USB-2405

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
USB-2405 ADLINK-USB-2405 Datasheet
298Kb / 2P
2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
USB-2405/2AI ADLINK-USB-2405/2AI Datasheet
298Kb / 2P
2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
USB-2405/OEM ADLINK-USB-2405/OEM Datasheet
298Kb / 2P
2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
USB-2405/S ADLINK-USB-2405/S Datasheet
298Kb / 2P
2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
More results

Similar Description - USB-2405

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
PCI-4474 NI-PCI-4474 Datasheet
362Kb / 4P
24-Bit, 102.4 kS/s, 8 and 4-Channel Dynamic Signal Acquisition
4461 NI-4461 Datasheet
754Kb / 6P
24-Bit, 204.8 kS/s Dynamic Signal Acquisition and Generation
logo
List of Unclassifed Man...
USB-2401 ETC2-USB-2401 Datasheet
351Kb / 2P
4-CH 24-Bit Universal Input USB DAQ Modules
logo
Adlink Technology Inc.
PCI-9527 ADLINK-PCI-9527 Datasheet
222Kb / 2P
24-Bit High-Resolution Dynamic Signal Acquisition and Generation Modules
USB-2405 ADLINK-USB-2405 Datasheet
298Kb / 2P
2 or 4-ch 24-bit 128kS/s Dynamic Signal Acquisition USB 2.0 Module
logo
Advantech Co., Ltd.
USB-5801 ADVANTECH-USB-5801 Datasheet
359Kb / 1P
4-ch, 24-bit, 192 kS/s Dynamic Signal Acquisition USB 3.0 I/O Module
EXM-540 ADVANTECH-EXM-540 Datasheet
595Kb / 1P
PCIe to 4-Ch USB 2.0 Port Module
24-Feb-2016
PCIE-1802 ADVANTECH-PCIE-1802 Datasheet
407Kb / 1P
8-Ch, 24-Bit, 216 kS/s Dynamic Signal Acquisition PCI Express Card
7-Jan-2020
IDAQ-801 ADVANTECH-IDAQ-801 Datasheet
184Kb / 1P
4-ch, 24-bit, 256kS/s/ch, DSA iDAQ Module
25-Aug-2021
PCIE-1803 ADVANTECH-PCIE-1803 Datasheet
510Kb / 1P
8-ch, 24-bit, 128 kS/s Dynamic Signal Acquisition PCI Express Card
13-Jan-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com