Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8033AKSZ-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8033AKSZ-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKSZ-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8033AKSZ-R2 Datasheet HTML 5Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 6Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 7Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 8Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD8033/AD8034
Rev. D | Page 8 of 24
FREQUENCY (MHz)
100
0.1
110
8
6
4
–4
2
0
–2
–6
CL = 100pF
CL = 100pF
RSNUB = 25Ω
CL = 33pF
CL = 2pF
VOUT = 200mV p-p
G = +1
Figure 12. Small Signal Frequency Response for Various CL (See Figure 44)
100
0.1
110
9
8
0
7
6
2
5
4
3
1
FREQUENCY (MHz)
CF = 0pF
CF = 1pF
CF = 1.5pF
CF = 2pF
VOUT = 200mV p-p
RF = 3kΩ
G = +2
Figure 13. Small Signal Frequency Response for Various CF (See Figure 45)
FREQUENCY (Hz)
0.1
100
10
1
G = +2
G = +1
VOUT = 200mV p-p
0.01
100
1k
10k
100k
1M
10M
100M
Figure 14. Output Impedance vs. Frequency (See Figure 47)
100
0.1
1
10
FREQUENCY (MHz)
10
9
0
8
7
6
5
4
3
2
1
CL = 100pF
CL = 51pF
CL = 33pF
CL = 2pF
VOUT = 200mV p-p
G = +2
Figure 15. Small Signal Frequency Response for Various CL (See Figure 45)
FREQUENCY (MHz)
100
0.1
1
10
8
7
0
6
5
1
4
3
2
RL = 500Ω
RL = 1kΩ
VOUT = 200mV p-p
G = +2
Figure 16. Small Signal Frequency Response for Various RL (See Figure 45)
FREQUENCY (Hz)
100
1k
10k
100k
1M
10M
100M
100
80
–20
40
20
0
60
180
150
0
90
60
30
120
GAIN
PHASE
VS = ±12V
Figure 17. Open-Loop Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com