Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AD8033AKSZ-R2 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8033AKSZ-R2
Description  Low Cost, 80 MHz FastFET Op Amps
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8033AKSZ-R2 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8033AKSZ-R2 Datasheet HTML 9Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 10Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 11Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 12Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 13Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 14Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 15Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 16Page - Analog Devices AD8033AKSZ-R2 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
AD8033/AD8034
Rev. D | Page 12 of 24
FREQUENCY (MHz)
0.1
1
10
100
–20
–30
–40
–50
–60
–70
–80
Figure 36. CMRR vs. Frequency (See Figure 50)
ILOAD (mA)
0
30
05
10
15
20
25
0.6
0.4
0.2
1.0
0.8
VCC –VOH
VOL – VEE
Figure 37. Output Saturation Voltage vs. Load Current
FREQUENCY (MHz)
0
–20
–30
–40
–50
–60
–70
–80
–90
–100
–10
100
0.0001
0.001
0.01
0.1
1
10
+PSRR
–PSRR
Figure 38. PSRR vs. Frequency (See Figure 49 and Figure 51)
OUTPUT VOLTAGE (V)
12
–10
–8
–6
–4
–2
2468
10
0
105
100
60
80
75
70
65
90
85
95
–12
RL = 500Ω
RL = 1kΩ
RL = 2kΩ
Figure 39. Open-Loop Gain vs. Output Voltage for Various RL
FREQUENCY (MHz)
–40
–70
–100
0.1
50
–80
–90
–60
–50
10
1
SOIC A/B
SOIC B/A
SOT-23 B/A
SOT-23 A/B
Figure 40. Crosstalk (See Figure 52)
VOS (mV)
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
0
120
90
60
30
180
150
Figure 41. Initial Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com