Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1106PE1 Datasheet(PDF) 16 Page - ams AG

Part # AS1106PE1
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106PE1 Datasheet(HTML) 16 Page - ams AG

Back Button AS1106PE1 Datasheet HTML 12Page - ams AG AS1106PE1 Datasheet HTML 13Page - ams AG AS1106PE1 Datasheet HTML 14Page - ams AG AS1106PE1 Datasheet HTML 15Page - ams AG AS1106PE1 Datasheet HTML 16Page - ams AG AS1106PE1 Datasheet HTML 17Page - ams AG AS1106PE1 Datasheet HTML 18Page - ams AG AS1106PE1 Datasheet HTML 19Page - ams AG AS1106PE1 Datasheet HTML 20Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
15 - 21
AS1106, AS1107
Datasheet - Application In form atio n
9.3 Calculating the Power Dissipation
The upper limit for power dissipation (PD) for the AS1106/AS1107 is determined from the following equation:
PD = (VDD x 1mA) + (VDD - VLED)(DUTY x ISEG x N)
(EQ 1)
Where:
VDD is the supply voltage.
DUTY is the duty cycle set by intensity register (page 12).
N is the number of segments driven (worst case is 8)
VLED is the LED forward voltage
ISEG = segment current set by RSET
Dissipation Example:
ISEG = 40mA, N = 8, DUTY = 31/32, VLED = 1.8V at 40mA, VDD = 5.25V
(EQ 2)
PD = 5.25V(1mA) + (5.25V - 1.8V)(31/32 x 40mA x 8) = 1.075W
(EQ 3)
Thus, for a PDIP package
ΘJA = +75°C/W (from Table 24), the maximum allowed TAMB is given by:
TJ,MAX = TAMB + PD x
ΘJA = 150°C = TAMB +1.07W x 75°C/W
(EQ 4)
Where:
TAMB = +69.4°C.
The TAMB limit for SO Packages in the dissipation example above is +58.6°C.
Table 23. RSET vs. Segment Current and LED Forward Voltage, VDD = 5.0V
ISEG (mA)
VLED (V)
1.5
2.0
2.5
3.0
3.5
4.0
40
11.35k
Ω
11.12k
Ω
10.84k
Ω
10.49k
Ω
10.2k
Ω
9.9k
Ω
30
15.4k
Ω
15.1k
Ω
14.7k
Ω
14.4k
Ω
13.6k
Ω
13.1k
Ω
20
23.6k
Ω
23.1k
Ω
22.6k
Ω
22k
Ω
21.1k
Ω
20.2k
Ω
10
48.9k
Ω
47.8k
Ω
46.9k
Ω
45.4k
Ω
43.8k
Ω
42k
Ω
Table 24. Package Thermal Data
Package
Thermal Resistance (
ΘJA)
24 Narrow DIP
+75°C/W
24 Wide SOIC
+85°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com