Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS1106PE1 Datasheet(PDF) 4 Page - ams AG

Part # AS1106PE1
Description  8-Digit LED Display Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1106PE1 Datasheet(HTML) 4 Page - ams AG

  AS1106PE1 Datasheet HTML 1Page - ams AG AS1106PE1 Datasheet HTML 2Page - ams AG AS1106PE1 Datasheet HTML 3Page - ams AG AS1106PE1 Datasheet HTML 4Page - ams AG AS1106PE1 Datasheet HTML 5Page - ams AG AS1106PE1 Datasheet HTML 6Page - ams AG AS1106PE1 Datasheet HTML 7Page - ams AG AS1106PE1 Datasheet HTML 8Page - ams AG AS1106PE1 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.austriamicrosystems.com/LED-Driver-ICs/AS1106_07
Revision 2.28
3 - 21
AS1106, AS1107
Datasheet - A b s o l u t e M a x i m u m R a t i n g s
5 Absolute Maximum Ratings
Stresses beyond those listed in Table 2 may cause permanent damage to the device. These are stress ratings only, and functional operation of
the device at these or any other conditions beyond those indicated in Electrical Characteristics on page 4 is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
Table 2. Absolute Maximum Ratings
Parameter
Min
Max
Units
Notes
Electrical Parameters
VDD to GND
-0.3
7
V
All other pins to GND
-0.3
7 or
VDD + 0.3
V
Current
DIG 0:DIG 7 Sink Current
500
mA
SEG A:SEG G, SEG DP
100
mA
Latch-Up Immunity
±200
mA
All pins except AS1106 pin 14: ±180 mA
Norm: JEDEC 78
Electrostatic Discharge
Digital outputs
1000
V
Norm: MIL 883 E method 3015
All other pins
1000
V
Continuous Power Dissipation (TA = +85°C)
Narrow plastic DIP
1066
mW
Derate 13.3mW/ºC
above +70ºC
Wide SOIC
941
mW
Derate 11.8mW/ºC
above +70ºC
Temperature Ranges and Storage Conditions
Storage Temperature Range
-55
+150
ºC
Package Body Temperature (Wide SOIC)
+260
ºC
The reflow peak soldering temperature (body
temperature) specified is in accordance with IPC/
JEDEC J-STD-020 “Moisture/Reflow Sensitivity
Classification for Non-Hermetic Solid State Surface
Mount Devices”.
The lead finish for Pb-free leaded packages is
matte tin (100% Sn).
Humidity
1
1. only valid for the SOIC 24-pin package
5
85
%
Non-condensing
Moisture Sensitive Level
1
1
Represents a max. floor life time of unlimited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com