Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3687 Datasheet(PDF) 14 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 14 Page - ams AG

Back Button AS3687 Datasheet HTML 10Page - ams AG AS3687 Datasheet HTML 11Page - ams AG AS3687 Datasheet HTML 12Page - ams AG AS3687 Datasheet HTML 13Page - ams AG AS3687 Datasheet HTML 14Page - ams AG AS3687 Datasheet HTML 15Page - ams AG AS3687 Datasheet HTML 16Page - ams AG AS3687 Datasheet HTML 17Page - ams AG AS3687 Datasheet HTML 18Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
13 - 54
DCDC Control 2
Addr: 22h
This register controls the Step Up DC/DC Converter and low-voltage current sinks
CURR3x.
Bit
Bit Name
Default
Access
Description
Only those are used for this selection, which are enabled
(currX_mode must not be 00) and not connected to the
charge pump (currX_on_cp must be 0). Don’t use automatic
feedback selection together with external PWM for the
current sources CURR1, CURR2 or CURR6.
7.2 Charge Pump
The Charge Pump uses two external flying capacitors C6, C7 to generate output voltages higher than the battery
voltage. There are three different operating modes of the charge pump itself:
1:1 Bypass Mode
Battery input and output are connected by a low-impedance switch
battery current = output current.
1:1.5 Mode
The output voltage is up to 1.5 times the battery voltage (without load), but is limited to VCPOUTmax all
the time
battery current = 1.5 times output current.
1:2 Mode
The output voltage is up to 2 times the battery voltage (without load), but is limited to VCPOUTmax all
the time
battery current = 2 times output current
As the battery voltage decreases, the Charge Pump must be switched from 1:1 mode to 1:1.5 mode and
eventually in 1:2 mode in order to provide enough supply for the current sinks. Depending on the actual current
the mode with best overall efficiency can be automatically or manually selected:
Examples:
Battery voltage = 3.7V, LED dropout voltage = 3.5V. The 1:1 mode will be selected and there is 200mV drop
on the current sink and on the Charge Pump switch. Efficiency 95%.
Battery voltage = 3.5V, LED dropout voltage = 3.5V. The 1:1.5 mode will be selected and there is 1.5V drop
on the current sink and 250mV on the Charge Pump. Efficiency 66%.
Battery voltage = 3.8V, LED dropout voltage = 4.5V (Camera Flash). The 1:2 mode can be selected and there
is 600mV drop on the current sink and 2.5V on the Charge Pump. Efficiency 60%.
The efficiency is dependent on the LED forward voltage given by:
Eff=(V_LED*Iout)/(Uin*Iin)
The charge pump mode switching can be done manually or automatically with the following possible software
settings:
Automatic up all modes allowed (1:1, 1:1.5, 1:2)
Start with 1:1 mode
Switch up automatically 1:1 to 1:1.5 to 1:2
Automatic up, but only 1:1 and 1:1.5 allowed
Start with 1:1 mode
Switch up automatically only from 1:1 to 1:1.5 mode; 1:2 mode is not used
Manual
Set modes 1:1, 1:1.5, 1:2 by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com