Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3687 Datasheet(PDF) 54 Page - ams AG

Part # AS3687
Description  Flexible Lighting Management
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3687 Datasheet(HTML) 54 Page - ams AG

Back Button AS3687 Datasheet HTML 47Page - ams AG AS3687 Datasheet HTML 48Page - ams AG AS3687 Datasheet HTML 49Page - ams AG AS3687 Datasheet HTML 50Page - ams AG AS3687 Datasheet HTML 51Page - ams AG AS3687 Datasheet HTML 52Page - ams AG AS3687 Datasheet HTML 53Page - ams AG AS3687 Datasheet HTML 54Page - ams AG AS3687 Datasheet HTML 55Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 54 / 55 page
background image
AS3687/87XM
Datasheet
www.austriamicrosystems.com/AS3687
1v3-4
53 - 54
11 Ordering Information
Table
24 – Delivery Information
Part Number
Marking
Package Type
Delivery Form
Description
AS3687-ZWLT
1
AS3687
WL-CSP
4x5 balls
Tape&Reel
AS3687
Wafer Level Chip Scale Package,
Size 4x5 balls, 0.5mm pitch,
RoHS compliant, Pb-Free
AS3687XM-ZWLT AS3687XM
WL-CSP
4x5 balls
Tape&Reel
AS3687XM
Wafer Level Chip Scale Package,
Size 4x5 balls, 0.5mm pitch,
RoHS compliant, Pb-Free
1
Do not use AS3687 for new designs – use AS3687XM (drop in pin to pin compatible replacement for
AS3687) instead.
Description:
AS3687-ZWLT
AS3687
AS3687 Lighting Management Unit
AS3687XM
AS3687XM Lighting Management Unit (including audio controlled light)
-
Z
Temperature range:
Z = -30°C – 85°C
WL
Package:
WL = Wafer Level Chip Scale Package
T
Delivery Form:
T = Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com